Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4736A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part No. 1N4736A
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4736A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1N4736A Datasheet HTML 1Page - Pan Jit International Inc. 1N4736A Datasheet HTML 2Page - Pan Jit International Inc. 1N4736A Datasheet HTML 3Page - Pan Jit International Inc. 1N4736A Datasheet HTML 4Page - Pan Jit International Inc. 1N4736A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-JAN.23.2007
1N4736A~1N4757A
NOTE:
1. Tolerance and Type Number Designation. The type umbers listed have a standard tolerance on the nominal zener
voltage of
5%
2. Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3. Zener Voltage (Vz) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining
the lead temperature (T ) at 30 C
1 C, from the diode body.
4. Zener Impedance (Zz) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when
an ac current having an rms value equal to 10% of the dc zener current (Izt or Izk) is superimposed on Izt or Izk.
5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak,
non-repetitive, reverse surge current of 1/2
+
+
L
oo
1.0
0.75
0.5
0.25
0
0
20
40
60
80
1
1
111
2
0
2
468
0
0
0
000
0
T , LEAD TEMPERATURE ( C)
L
O
RATING AND CHARACTERISTICS CURVES
L=LEAD LENGTH
TO HEAT SINK
FIGURE.1 POWER TEMPERATURE DERATING CURVE
FIGURE.2 TEMPERATURE COEFICIENTS
(-55 C TO +150 C TEMPERATURE RANGE; 90% OF THE UNITS ARE IN THE RANGES INDICATED.)
OO
a.RANGE FOR UNITS TO 12 VOLTS
b.RANGE FOR UNITS 12 TO 100 VOLTS


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1N4728A GLASS PASSIVATED JUNCTION SILICON ZENER DIODE 1  2  3  4  5  Pan Jit International Inc.
1N4728A_04 GLASS PASSIVATED JUNCTION SILICON ZENER DIODE 1  2  3  4  5  Pan Jit International Inc.
1N4729A GLASS PASSIVATED JUNCTION SILICON ZENER DIODE 1  2  3  4  5  Pan Jit International Inc.
1N4741A Glass Passivated Junction Silicon Zener Diode 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
1N4741A_1 Glass Passivated Junction Silicon Zener Diode 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
2M11Z 2.0 Watts Glass Passivated Junction Silicon Zener Diodes 1  2  3  4  Taiwan Semiconductor Company, Ltd
1SMA6V8 Surface Mount Glass Passivated Zener Diode 1  2  3  Taiwan Semiconductor Company, Ltd
S2AA 2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE 1  2  3  4  Won-Top Electronics
1F1G_07 GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS 1  2  Pan Jit International Inc.
DD250 25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE 1  2  Won-Top Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn