Electronic Components Datasheet Search |
|
EN25B80T-50QIP Datasheet(PDF) 10 Page - Eon Silicon Solution Inc. |
|
EN25B80T-50QIP Datasheet(HTML) 10 Page - Eon Silicon Solution Inc. |
10 / 33 page This Data Sheet may be revised by subsequent versions ©2004 Eon Silicon Solution, Inc., www.essi.com.tw or modifications due to changes in technical specifications. 10 EN25B80 Rev. C, Issue Date: 2006/12/25 Table 4. Instruction Set Instruction Name Byte 1 Code Byte 2 Byte 3 Byte 4 Byte 5 Byte 6 n-Bytes Write Enable 06h Write Disable 04h Read Status Register 05h (S7-S0)(1) continuous (2) Write Status Register 01h S7-S0 Read Data 03h A23-A16 A15-A8 A7-A0 (D7-D0) (Next byte) continuous Fast Read 0Bh A23-A16 A15-A8 A7-A0 dummy (D7-D0) (Next Byte) continuous Page Program 02h A23-A16 A15-A8 A7-A0 D7-D0 (Next byte) continuous Sector Erase D8h A23-A16 A15-A8 A7-A0 Bulk Erase C7h Deep Power-down B9h Release from Deep Power-down, and read Device ID dummy dummy dummy (ID7-ID0) (4) Release from Deep Power-down ABh Manufacturer/ Device ID 90h dummy dummy 00h(5) (M7-M0) (ID7-ID0) Read Identification 9Fh (M7-M0) (ID15-ID8) (ID7-ID0) Notes: 1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from the device on the DO pin. 2. The Status Register contents will repeat continuously until CS# terminate the instruction. 3. All sectors may use any address within the sector. 4. The Device ID will repeat continuously until CS# terminate the instruction. 5. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminate the instruction. 00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID. Table 5. Manufacturer and Device Identification Boot Type OP Code (M7-M0) (ID15-ID0) (ID7-ID0) ABh 33h 90h 1Ch 33h EN25B80(Bottom Boot) 9Fh 1Ch 2014h ABh 43h 90h 1Ch 43h EN25B80T(Top Boot) 9Fh 1Ch 2014h |
Similar Part No. - EN25B80T-50QIP |
|
Similar Description - EN25B80T-50QIP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |