Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148-34 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1N4148-34
Description  SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4148-34 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N4148-34 Datasheet HTML 1Page - Pan Jit International Inc. 1N4148-34 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-JUN.02.2004
DATA SHEET
1N4148-34
DO-34
Unit: inch (mm)
.017(0.42)TYP.
.079(2.0)MAX.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
8
4
1
4
N
1
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V R
5
7
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V RM
0
0
1
V
e
g
a
t
l
o
V
S
M
R
V RM S
0
5
V
5
2
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
O
f
d
n
A
C>
z
H
0
5
I
AV
0
5
1
A
m
5
2
=
j
T
d
n
a
s
1
<
t
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
S
O C
I
FS M
0
0
5
A
m
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
P TO T
0
0
5
W
m
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
F
A
m
0
1
=
V F
0
.
1
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
m
u
m
i
x
a
M
V
t
a
R
V
0
2
=
V
t
a
R
V
5
7
=
V
t
a
R
T
,
V
0
2
=
J
0
5
1
=
O C
I
R
5
2
5
0
5
A
n
µA
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
m
u
m
i
x
a
M
C J
4
F
p
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
TRR
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
R
θ A
J
0
5
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ T
, S
5
7
1
+
o
t
5
6
-
O C
SWITCHING DIODES
VOLTAGE
100 Volts
POWER
500 mWatts
FEATURES
• Fast switching Speed.
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Axial lead Package ldeally Suited for Automatic lnsertion.
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICALDATA
• Case: Molded Glass DO-34
• Terminals: Solderable per MIL-STD-202E, Method 208
• Polarity: See Diagram Below
• Approx. Weight: 0.09 grams
• Mounting Position: Any
• Ordering information: Suffix : “ -34 ” to order DO-34 Package
• Packing information
B
- 2K per Bulk box
T/R - 10K per 13" plastic Reel
T/B - 5K per horiz. tape & Ammo box
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100


Similar Part No. - 1N4148-34

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148-34_AX_10001 PANJIT-1N4148-34_AX_10001 Datasheet
304Kb / 5P
   SWITCHING DIODES
1N4148-34_AX_10001 PANJIT-1N4148-34_AX_10001 Datasheet
367Kb / 5P
   SWITCHING DIODES
January 7,2019-REV.11
1N4148-34_AY_10001 PANJIT-1N4148-34_AY_10001 Datasheet
304Kb / 5P
   SWITCHING DIODES
1N4148-34_AY_10001 PANJIT-1N4148-34_AY_10001 Datasheet
367Kb / 5P
   SWITCHING DIODES
January 7,2019-REV.11
1N4148-34_B0_10001 PANJIT-1N4148-34_B0_10001 Datasheet
304Kb / 5P
   SWITCHING DIODES
More results

Similar Description - 1N4148-34

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com