Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25B05-50VCP Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN25B05-50VCP
Description  512 Kbit Serial Flash Memory with Boot and Parameter Sectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B05-50VCP Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN25B05-50VCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B05-50VCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B05-50VCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B05-50VCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B05-50VCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B05-50VCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B05-50VCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25B05-50VCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25B05-50VCP Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN25B05
Rev. B, Issue Date: 2006/12/26
INSTRUCTIONS
All instructions, addresses and data are shifted in and out of the device, most significant bit first. Serial
Data Input (DI) is sampled on the first rising edge of Serial Clock (CLK) after Chip Select (CS#) is driven
Low. Then, the one-byte instruction code must be shifted in to the device, most significant bit first, on
Serial Data Input (DI), each bit being latched on the rising edges of Serial Clock (CLK).
The instruction set is listed in Table 4. Every instruction sequence starts with a one-byte instruction code.
Depending on the instruction, this might be followed by address bytes, or by data bytes, or by both or
none. Chip Select (CS#) must be driven High after the last bit of the instruction sequence has been shifted
in. In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed (Fast_Read), Read
Status Register (RDSR) or Release from Deep Power-down, and Read Device ID (RDI) instruction, the
shifted-in instruction sequence is followed by a data-out sequence. Chip Select (CS#) can be driven High
after any bit of the data-out sequence is being shifted out.
In the case of a Page Program (PP), Sector Erase (SE), Bulk Erase (BE), Write Status Register (WRSR),
Write Enable (WREN), Write Disable (WRDI) or Deep Power-down (DP) instruction, Chip Select (CS#)
must be driven High exactly at a byte boundary, otherwise the instruction is rejected, and is not executed.
That is, Chip Select (CS#) must driven High when the number of clock pulses after Chip Select (CS#)
being driven Low is an exact multiple of eight.
All attempts to access the memory array during a Write Status Register cycle, Program cycle or Erase
cycle are ignored, and the internal Write Status Register cycle, Program cycle or Erase cycle continues
unaffected.
Table 4. Instruction Set
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06h
Write Disable
04h
Read Status
Register
05h
(S7-S0)(1)
continuous
(2)
Write Status
Register
01h
S7-S0
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
(Next byte)
continuous
Sector Erase
D8h
A23-A16
A15-A8
A7-A0
Bulk Erase
C7h
Deep Power-down
B9h
Release from Deep
Power-down, and
read Device ID
dummy
dummy
dummy
(ID7-ID0)
(4)
Release from Deep
Power-down
ABh
Manufacturer/
Device ID
90h
dummy
dummy
00h
(M7-M0)
(ID7-ID0)
(5)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Notes:
1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from
the device on the DO pin.
2. The Status Register contents will repeat continuously until CS# terminate the instruction.
3. All sectors may use any address within the sector.
4. The Device ID will repeat continuously until CS# terminate the instruction.
5. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminate the instruction.


Similar Part No. - EN25B05-50VCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10-50GC EON-EN25B10-50GC Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10-50GCP EON-EN25B10-50GCP Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10-50GI EON-EN25B10-50GI Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10-50GIP EON-EN25B10-50GIP Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
More results

Similar Description - EN25B05-50VCP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B32 EON-EN25B32 Datasheet
479Kb / 38P
   32 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
   8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com