Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71726DCKRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS71726DCKRG4
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71726DCKRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS71726DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 9Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 10Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 11Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 12Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 13Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 14Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
V
=
OUT
x0.800,R ~320k
2
W
(R
R
1
2
+
)
R
2
(1)
Input and Output Capacitor Requirements
TPS717xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
1 F
m
Ceramic
V
EN
Optional1.0 Finput
capacitor.Mayimprove
sourceimpedance,noise
orPSRR.
m
Optional0.01 Fbypass
capacitortoreduce
outputnoiseand
increasePSRR.
m
TPS71701
GND
EN
FB
IN
OUT
V
IN
V
OUT
1 F
m
Ceramic
V
EN
R
1
R
2
Optional1.0 Finput
capacitor.Mayimprove
sourceimpedance,noise
orPSRR.
m
TPS717xx
SBVS068D – FEBRUARY 2006 – REVISED OCTOBER 2007
The TPS717xx belongs to a family of new generation
For the adjustable version (TPS71701), the NR pin is
LDO regulators that use innovative circuitry to
replaced with a feedback (FB) pin. The voltage on
achieve ultra-wide bandwidth and high loop gain,
this pin sets the output voltage and is determined by
resulting in extremely high PSRR (up to 1MHz) at
the values of R1 and R2. The values of R1 and R2 can
very low headroom (VIN – VOUT). Fixed voltage
be calculated for any voltage using the formula given
versions provide a noise reduction pin to bypass
in Equation 1:
noise generated by the bandgap reference and to
improve PSRR while a quick-start circuit fast-charges
this capacitor. These features, combined with low
noise, enable, low ground pin current, and ultra-small
packaging,
make
this
part
ideal
for
portable
The value of R2 directly impacts the stability of the
applications.
This
family
of
regulators
offers
device and should be chosen at approximately 160k
sub-bandgap
output
voltages,
current
limit
and
or 320k
Ω. Sample resistor values for common output
thermal protection, and is fully specified from –40
°C
voltages are shown in Table 2.
to +125
°C.
Figure 33 shows the basic circuit connections for the
Table 2. Sample 1% Resistor Values for Common
fixed voltage options. Figure 34 gives the connections
Output Voltages
for the adjustable output version (TPS71701). Note
VOUT
R1
R2
that the NR pin is not available on the adjustable
1.0
80.6k
324k
version.
1.2
162k
324k
1.5
294k
332k
1.8
402k
324k
2.5
665k
316k
3.3
1.02M
324k
5.0
1.74M
332k
Although an input capacitor is not required for
stability, it is good analog design practice to connect
a 0.1
µF to 1.0µF low equivalent series resistance
(ESR) capacitor across the input supply near the
regulator. This capacitor will counteract reactive input
sources
and
improve
transient
response,
noise
Figure 33. Typical Application Circuit
rejection,
and
ripple
rejection.
A
higher-value
(Fixed Voltage Versions)
capacitor may be necessary if large, fast rise-time
load transients are anticipated or if the device is
located several inches from the power source. If
source impedance is not sufficiently low, a 0.1
µF
input capacitor may be necessary to ensure stability.
The TPS717xx is designed to be stable with standard
ceramic capacitors of values 1.0
µF or larger. X5R-
and X7R-type capacitors are best because they have
minimal variation in value and ESR over temperature.
Maximum ESR should be <1.0
Ω.
The TPS717xx implements an innovative internal
compensation circuit that does not require a feedback
capacitor across R2 for stability. A feedback capacitor
should not be used for this device.
Figure 34. Typical Application Circuit
(Adjustable Voltage Version)
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS71726DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71726DCKRG4 TI-TPS71726DCKRG4 Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKRG4 TI-TPS71726DCKRG4 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKRG4 TI-TPS71726DCKRG4 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKRG4 TI-TPS71726DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKRG4 TI1-TPS71726DCKRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71726DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com