Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM4208A2 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM4208A2
Description  SCR/Diode POW-R-BLOK??Modules 25 Amperes/800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM4208A2 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM4208A2 Datasheet HTML 1Page - Powerex Power Semiconductors CM4208A2 Datasheet HTML 2Page - Powerex Power Semiconductors CM4208A2 Datasheet HTML 3Page - Powerex Power Semiconductors CM4208A2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SD-4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CM4208A2
SCR/Diode POW-R-BLOK™ Modules
25 Amperes/800 Volts
MAXIMUM ON-STATE POWER DISSIPATION
(REVERSE PARALLEL CONNECTION)
RMS ON-STATE CURRENT, I(RMS), (AMPERES)
010
50
20
30
40
60
70
80
360
o
RESISTIVE,
INDUCTIVE LOAD
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE AVERAGE ON-STATE POWER DISSIPATION PER MODULE
AND THE RMS ON-STATE CURRENT.
0
10
20
30
40
50
60
70
80
90o
60o
= 30o
180o
MAXIMUM ALLOWABLE CASE TEMPERATURE
(SINGLE PHASE BRIDGE CONNECTION)
DC OUTPUT CURRENT, IO, (AMPERES)
010
50
20
30
40
80
90
100
110
120
130
= 30o
60o
90o
360
o
RESISTIVE,
INDUCTIVE
LOAD
515
25
35
45
180o
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE CASE TEMPERATURE AND THE DC OUTPUT CURRENT
(FOR TWO ELEMENTS) WHEN USED IN THE SINGLE PHASE
BRIDGE CONFIGURATION.
120o
MAXIMUM ALLOWABLE CASE TEMPERATURE
(THREE PHASE BRIDGE CONNECTION)
DC OUTPUT CURRENT, IO, (AMPERES)
010
50
20
30
40
60
70
80
360
o
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE CASE TEMPERATURE AND THE DC OUTPUT CURRENT
(FOR THREE MODULES) IN THE THREE PHASE CONFIGURATION.
RESISTIVE,
INDUCTIVE
LOAD
= 30o
60o
90o 120o
80
110
120
130
100
90
MAXIMUM ON-STATE POWER DISSIPATION
(THREE PHASE BRIDGE CONNECTION)
DC OUTPUT CURRENT, IO, (AMPERES)
010
50
20
30
40
60
70
80
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE ON-STATE POWER DISSIPATION (PER MODULE) AND THE
DC OUTPUT CURRENT (FOR THREE MODULES) IN THE THREE
PHASE BRIDGE CONFIGURATION.
0
10
20
30
40
50
60
70
80
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
= 30o
120o
90o
60o
MAXIMUM ON-STATE POWER DISSIPATION
(SINGLE PHASE BRIDGE CONNECTION)
DC OUTPUT CURRENT, IO, (AMPERES)
05
RESISTIVE,
INDUCTIVE LOAD
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE AVERAGE ON-STATE POWER DISSIPATION AND THE DC
OUTPUT CURRENT FOR THE SINGLE PHASE BRIDGE
CONFIGURATION (POWER DISSIPATION EXPRESSED FOR EACH
MODULE AND DC OUTPUT CURRENT EXPRESSED FOR THE PAIR)
0
10
20
30
40
50
60
70
80
10 15 20 25 30 35 40 45 50
= 30o
120o
90o
60o
180o
360
o


Similar Part No. - CM4208A2

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM420855 POWEREX-CM420855 Datasheet
92Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 55 Amperes/800 Volts
CM420890 POWEREX-CM420890 Datasheet
93Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 90 Amperes/800 Volts
More results

Similar Description - CM4208A2

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM4308A2 POWEREX-CM4308A2 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 25 Amperes/800 Volts
CM420890 POWEREX-CM420890 Datasheet
93Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 90 Amperes/800 Volts
CM520813 POWEREX-CM520813 Datasheet
94Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 130 Amperes/800 Volts
CM420855 POWEREX-CM420855 Datasheet
92Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 55 Amperes/800 Volts
CM430855 POWEREX-CM430855 Datasheet
96Kb / 4P
   Dual SCR POW-R-BLOK??Modules 55 Amperes/800 Volts
CM530820 POWEREX-CM530820 Datasheet
81Kb / 4P
   Dual SCR POW-R-BLOK??Modules 200 Amperes/800 Volts
CM4212A2 POWEREX-CM4212A2 Datasheet
78Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
CT220802 POWEREX-CT220802 Datasheet
91Kb / 4P
   Split SCR/Diode POW-R-BLOK??Modules 20 Amperes/800 Volts
CSD3080H POWEREX-CSD3080H Datasheet
78Kb / 4P
   Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
CM530813 POWEREX-CM530813 Datasheet
97Kb / 4P
   Dual SCR POW-R-BLOK??Modules 130 Amperes/800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com