Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJDLC05 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJDLC05
Description  ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC05 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJDLC05 Datasheet HTML 1Page - Pan Jit International Inc. PJDLC05 Datasheet HTML 2Page - Pan Jit International Inc. PJDLC05 Datasheet HTML 3Page - Pan Jit International Inc. PJDLC05 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-OCT.08.2003
DATA SHEET
PJDLC05
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR
FOR HIGH SPEED DATA LINES
VOLTAGE
5.0 Volts
400 Watts
FEATURES
• Improved Leakage Current, Maximum of 5 uA @ 5Vdc
• Maximum Capacitance @ 0Vdc Bias of 1.2 pF between terminals 1-3 or
terminals 2-3
• IEC61000-4-2 ESD 15kV Air, 8kV Contact Compliance
• IEC61000-4-5 Lightning 17Amps peak, 8x20
µsec Waveform
APPLICATIONS
• Mobile Phones
• Universal Serial Bus (USB 1.1 and USB 2.0) Applications
• MP3 Players
• Digital Camcorders
• Digital Cameras
• Ethernet 10,100 and 1000 Base Port Protection
POWER
MAXIMUM RATINGS
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
0
2
x
8
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ
m
r
o
f
e
v
a
W
c
e
sP
K
P
0
0
4W
0
2
x
8
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
µ
m
r
o
f
e
v
a
W
c
e
sI
P
P
7
1A
)
M
B
H
(
e
g
a
t
l
o
V
D
S
E
V
D
S
E
5
2
>V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
T
L
5
2
1
+
o
t
0
5
-
OC
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
g
t
s
0
5
1
+
o
t
0
5
-
OC
3
12
MECHANICALDATA
• Case: Molded Plastic SOT-23
• Marking : T2S


Similar Part No. - PJDLC05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJDLC05 PANJIT-PJDLC05 Datasheet
111Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02_15 Datasheet
74Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
More results

Similar Description - PJDLC05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSLC05 PANJIT-PJSLC05 Datasheet
542Kb / 3P
   ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR
PJSLC05 PANJIT-PJSLC05_09 Datasheet
333Kb / 5P
   ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05_09 Datasheet
139Kb / 4P
   ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05 Datasheet
79Kb / 4P
   ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05 PANJIT-PJSLC05_06 Datasheet
86Kb / 4P
   ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJSLC05C-02 PANJIT-PJSLC05C-02 Datasheet
112Kb / 3P
   LOW CAPACITANCE SINGLE TVS 200W FOR HIGH SPEED DATA LINES
PJSLC054 PANJIT-PJSLC054 Datasheet
114Kb / 4P
   LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
   Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
NUP4114HMR6 ONSEMI-NUP4114HMR6 Datasheet
198Kb / 9P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data Lines
January, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com