Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400HU-24H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM400HU-24H
Description  Single IGBTMOD 400 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400HU-24H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM400HU-24H Datasheet HTML 1Page - Powerex Power Semiconductors CM400HU-24H Datasheet HTML 2Page - Powerex Power Semiconductors CM400HU-24H Datasheet HTML 3Page - Powerex Power Semiconductors CM400HU-24H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7
Single IGBTMOD™
U-Series Module
400 Amperes/1200 Volts
CM400HU-24H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
7
Description:
Powerex IGBTMOD™ Modules
are designed for use in switching
applications. Each module consists
of one IGBT Transistor in a single
configuration with a reverse-con-
nected super-fast recovery free-
wheel diode. All components and
interconnects are isolated from the
heat sinking baseplate, offering
simplified system assembly and
thermal management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast Recovery
Free-Wheel Diode
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ AC Motor Control
□ Motion/Servo Control
□ UPS
□ Welding Power Supplies
□ Laser Power Supplies
Ordering Information:
Example: Select the complete
module number you desire from
the table - i.e. CM400HU-24H is a
1200V (VCES), 400 Ampere Single
IGBTMOD™ Power Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
400
24
Dimensions
Inches
Millimeters
A
4.21
107.0
B
3.66
±0.01
93.0
±0.25
C
2.44
62.0
D
1.89
±0.01
48.0
±0.25
E
0.53
13.5
F
0.49
12.55
G
0.39
10.0
Dimensions
Inches
Millimeters
H
1.02
26.0
J
0.37
9.5
K
1.14
29.0
L
0.81
20.5
M
0.26 Dia.
6.5 Dia.
N
1.34 +0.04/-0.02
34 +1.0/-0.5
P
1.02 +0.04/-0.02
26 +1.0/-0.5
CM
E
E
G
C
A
H
E
F
M 4 - Mounting
Holes
K
D
2 - M4 NUTS
2 - M8 NUTS
TC Measured Point
J
G
C
L
B
P
N
E
E
G
C


Similar Part No. - CM400HU-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400HU-24H MITSUBISHI-CM400HU-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400HU-24H MITSUBISHI-CM400HU-24H Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM400HU-24H MITSUBISHI-CM400HU-24H_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM400HU-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400HA-24H POWEREX-CM400HA-24H Datasheet
57Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
CM400DU-24F POWEREX-CM400DU-24F Datasheet
91Kb / 4P
   Dual IGBTMOD 400 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A_10 Datasheet
432Kb / 4P
   Single IGBTMOD A-Series Module 400 Amperes/1200 Volts
CM400HU-24F POWEREX-CM400HU-24F Datasheet
101Kb / 4P
   Trench Gate Design Single IGBTMOD??400 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A Datasheet
235Kb / 4P
   Single IGBTMOD??A-Series Module 400 Amperes/1200 Volts
CM800HA-24H POWEREX-CM800HA-24H Datasheet
3Mb / 4P
   Single IGBTMOD 800 Amperes/1200 Volts
CM300HA-24H POWEREX-CM300HA-24H Datasheet
67Kb / 4P
   Single IGBTMOD 300 Amperes/1200 Volts
CM200HA-24H POWEREX-CM200HA-24H Datasheet
67Kb / 4P
   Single IGBTMOD 200 Amperes/1200 Volts
CM600HA-24H POWEREX-CM600HA-24H Datasheet
59Kb / 4P
   Single IGBTMOD 600 Amperes/1200 Volts
CM600HU-24H POWEREX-CM600HU-24H Datasheet
57Kb / 4P
   Single IGBTMOD 600 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com