Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400HB-90H Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM400HB-90H
Description  Single IGBTMOD??HVIGBT 400 Amperes/4500 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400HB-90H Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM400HB-90H Datasheet HTML 1Page - Powerex Power Semiconductors CM400HB-90H Datasheet HTML 2Page - Powerex Power Semiconductors CM400HB-90H Datasheet HTML 3Page - Powerex Power Semiconductors CM400HB-90H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CM400HB-90H
Single IGBTMOD™ HVIGBT
400 Amperes/4500 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dynamic Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
72
nF
Output Capacitance
Coes
VGE = 0V, VCE = 10V
5.3
nF
Reverse Transfer Capacitance
Cres
1.6
nF
Resistive
Turn-on Delay Time
td(on)
VCC = 2250V, IC = 400A,
––
2.4
µs
Load
Rise Time
tr
VGE1 = VGE2 = 15V,
––
2.4
µs
Switching
Turn-off Delay Time
td(off)
RG = 22.5Ω
––
6.0
µs
Times
Fall Time
tf
Resistive Load Switching Operation
––
1.2
µs
Diode Reverse Recovery Time**
trr
IE = 400A, diE/dt = -800A/µs
––
1.8
µs
Diode Reverse Recovery Charge**
Qrr
IE = 400A, diE/dt = -800A/µs
160*
µC
* Pulse width and repetition rate should be such that device junction temperature rise is negligible.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Thermal and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c) Q
Per IGBT
––
0.023
K/W
Thermal Resistance, Junction to Case
Rth(j-c) D
Per FWDi
––
0.045
K/W
Contact Thermal Resistance, Case to Fin
Rth(c-f)
Per Module, Thermal Grease Applied
0.015
K/W


Similar Part No. - CM400HB-90H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400HB-90H MITSUBISHI-CM400HB-90H Datasheet
63Kb / 4P
   2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
More results

Similar Description - CM400HB-90H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600HB-90H POWEREX-CM600HB-90H Datasheet
65Kb / 4P
   Single IGBTMOD??HVIGBT 600 Amperes/4500 Volts
CM900HB-90H POWEREX-CM900HB-90H Datasheet
559Kb / 4P
   Single IGBTMOD??HVIGBT 900 Amperes/4500 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
QID4515001 POWEREX-QID4515001 Datasheet
640Kb / 4P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
CM200HG-130H POWEREX-CM200HG-130H Datasheet
583Kb / 5P
   Single IGBTMOD HVIGBT Module 200 Amperes/6500 Volts
CM600HG-130H POWEREX-CM600HG-130H Datasheet
373Kb / 5P
   Single IGBTMOD HVIGBT Module 600 Amperes/6500 Volts
CM1800HCB-34N POWEREX-CM1800HCB-34N Datasheet
503Kb / 4P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM1800HC-34N POWEREX-CM1800HC-34N Datasheet
560Kb / 6P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM400HA-12H POWEREX-CM400HA-12H Datasheet
66Kb / 4P
   Single IGBTMOD 400 Amperes/600 Volts
CM400HU-24H POWEREX-CM400HU-24H Datasheet
56Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com