Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400HB-90H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM400HB-90H
Description  Single IGBTMOD??HVIGBT 400 Amperes/4500 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400HB-90H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM400HB-90H Datasheet HTML 1Page - Powerex Power Semiconductors CM400HB-90H Datasheet HTML 2Page - Powerex Power Semiconductors CM400HB-90H Datasheet HTML 3Page - Powerex Power Semiconductors CM400HB-90H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Single IGBTMOD™
HVIGBT
400 Amperes/4500 Volts
CM400HB-90H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
5.12
130.0
B
5.51
140.0
C
1.50
38.0
D
4.48
114.0
E
4.88
±0.01
124.0
±0.25
F
1.57
40.0
G
0.79
20.0
H
0.41
10.35
J
0.42
10.65
K
1.92
48.8
L
2.24
±0.01
57.0
±0.25
M
1.71
43.5
Description:
Powerex IGBTMOD™ Modules
are designed for use in switching
applications. Each module consists
of one IGBT Transistor with a
reverse-connected super-fast
recovery free-wheel diode.
All components and interconnects
are isolated from the heat sinking
baseplate, offering simplified
system assembly and thermal
management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Super-Fast Recovery
Free-Wheel Diode
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ Traction
□ Medium Voltage Drive
□ High Voltage Power Supplies
Ordering Information:
Example: Select the complete
part module number you desire
from the table below -i.e.
CM400HB-90H is a 4500V (VCES),
400 Ampere Single IGBTMOD™
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
400
90
Dimensions
Inches
Millimeters
N
2.42
61.5
P
0.59
15.0
Q
1.57
40.0
R
0.20
5.2
S
1.16
29.5
T
1.10
28.0
U
M4 Metric
M4
V
M8 Metric
M8
W
0.28 Dia.
Dia.7.0
X
0.20
5.0
Y
0.71
18.0
W
(6 TYP)
U NUTS
(3 TYP)
T
Q
R
F
K
M
H
J
S
A
D
LL
G
EB
V NUTS
(4 TYP)
C
X
E
G
E
C
C
E
C
C
C
CM
EG
E
C
E
P
N
Y


Similar Part No. - CM400HB-90H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400HB-90H MITSUBISHI-CM400HB-90H Datasheet
63Kb / 4P
   2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
More results

Similar Description - CM400HB-90H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600HB-90H POWEREX-CM600HB-90H Datasheet
65Kb / 4P
   Single IGBTMOD??HVIGBT 600 Amperes/4500 Volts
CM900HB-90H POWEREX-CM900HB-90H Datasheet
559Kb / 4P
   Single IGBTMOD??HVIGBT 900 Amperes/4500 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
QID4515001 POWEREX-QID4515001 Datasheet
640Kb / 4P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
CM200HG-130H POWEREX-CM200HG-130H Datasheet
583Kb / 5P
   Single IGBTMOD HVIGBT Module 200 Amperes/6500 Volts
CM600HG-130H POWEREX-CM600HG-130H Datasheet
373Kb / 5P
   Single IGBTMOD HVIGBT Module 600 Amperes/6500 Volts
CM1800HCB-34N POWEREX-CM1800HCB-34N Datasheet
503Kb / 4P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM1800HC-34N POWEREX-CM1800HC-34N Datasheet
560Kb / 6P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM400HA-12H POWEREX-CM400HA-12H Datasheet
66Kb / 4P
   Single IGBTMOD 400 Amperes/600 Volts
CM400HU-24H POWEREX-CM400HU-24H Datasheet
56Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com