Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3A212 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3A212
Description  Small Plastic Package, Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A212 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3A212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS8802E
07/06/06
PI3A212
Small Plastic Package, Dual SPDT Analog Switch
Figure 9. Bandwidth
10nF
GND
NC
or
NO
Logic Input
0V or VIH
IN
VCC
VCC
50
Signal
Generator
50
COM
ANALYZER
06-0096


Similar Part No. - PI3A212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PI3A212SZLE PERICOM-PI3A212SZLE Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
More results

Similar Description - PI3A212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A412ZHEX PERICOM-PI3A412ZHEX Datasheet
342Kb / 10P
   Small Plastic Package, Quad SPDT Analog Switch
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Pericom Semiconductor C...
PI5A4764 PERICOM-PI5A4764 Datasheet
382Kb / 7P
   Smal Package, Dual SPDT Audio Clickless Analog Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com