Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM124 Datasheet(PDF) 28 Page - Texas Instruments

Part No. LM124
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM124 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM124_07 Datasheet HTML 21Page - Texas Instruments LM124_07 Datasheet HTML 22Page - Texas Instruments LM124_07 Datasheet HTML 23Page - Texas Instruments LM124_07 Datasheet HTML 24Page - Texas Instruments LM124_07 Datasheet HTML 25Page - Texas Instruments LM124_07 Datasheet HTML 26Page - Texas Instruments LM124_07 Datasheet HTML 27Page - Texas Instruments LM124_07 Datasheet HTML 28Page - Texas Instruments LM124_07 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM224 QUADRUPLE OPERATIONAL AMPLIFIERS 1  2  3  4  Unisonic Technologies
LM124_06 QUADRUPLE OPERATIONAL AMPLIFIERS 1  2  3  4  5  More Texas Instruments
LM148_06 QUADRUPLE OPERATIONAL AMPLIFIERS 1  2  3  4  5  More Texas Instruments
LP324 ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS 1  2  3  4  5  More Texas Instruments
MC3303_06 QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS 1  2  3  4  5  More Texas Instruments
OPA234 Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1  2  3  4  5  More Burr-Brown (TI)
LM324 QUAD OPERATIONAL AMPLIFIERS 1  2  3  4  5  More Unisonic Technologies
AD8571_06 Zero-Drift Single-Supply Rail-to-Rail Input/Output Operational Amplifiers 1  2  3  4  5  More Analog Devices
AZ4558C_06 DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
CA158_01 Dual 1MHz Operational Amplifiers for Commercial Industrial and Military Applications 1  2  3  4  5  More Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn