Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25B40T-75QI Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN25B40T-75QI
Description  4 Mbit Serial Flash Memory with Boot and Parameter Sectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B40T-75QI Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25B40T-75QI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B40T-75QI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B40T-75QI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B40T-75QI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B40T-75QI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B40T-75QI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B40T-75QI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B40T-75QI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B40T-75QI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
4
EN25B40
Rev. E, Issue Date: 2007/5/3
MEMORY ORGANIZATION
The memory is organized as:
524,288 bytes
Flexible Sector Architecture
Two 4-Kbyte, one 8-Kbyte, one 16-Kbyte,one 32-Kbyte, and seven 64-Kbyte sectors
Bottom or top boot configurations
2048 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector or
Bulk Erasable but not Page Erasable.
Table 2a. Bottom Boot Block Sector Architecture
Sector
SECTOR SIZE (KByte)
Address range
11
64
70000h – 7FFFFh
10
64
60000h – 6FFFFh
9
64
50000h – 5FFFFh
8
64
40000h – 4FFFFh
7
64
30000h – 3FFFFh
6
64
20000h – 2FFFFh
5
64
10000h – 1FFFFh
4
32
08000h – 0FFFFh
3
16
04000h – 07FFFh
2
8
02000h – 03FFFh
1
4
01000h – 01FFFh
0
4
00000h – 00FFFh


Similar Part No. - EN25B40T-75QI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results

Similar Description - EN25B40T-75QI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
   8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B32 EON-EN25B32 Datasheet
479Kb / 38P
   32 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
SPANSION
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com