Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3638SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3638SPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3638SPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3638SPBF Datasheet HTML 1Page - International Rectifier IR3638SPBF Datasheet HTML 2Page - International Rectifier IR3638SPBF Datasheet HTML 3Page - International Rectifier IR3638SPBF Datasheet HTML 4Page - International Rectifier IR3638SPBF Datasheet HTML 5Page - International Rectifier IR3638SPBF Datasheet HTML 6Page - International Rectifier IR3638SPBF Datasheet HTML 7Page - International Rectifier IR3638SPBF Datasheet HTML 8Page - International Rectifier IR3638SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IR3638SPbF
3/19/07
Recommended Operating Conditions
Symbol
Definition
Min
Max
Units
Vcc
Supply Voltage
5
13.2
V
Vc
Supply Voltage
Converter Voltage + 5V
20
V
Tj
Junction Temperature
0
125
oC
5
Parameter
SYM
Test Condition
Min
TYP
MAX
Units
Supply Current
VCC Supply Current
(Static)
ICC(Static)
Enable=0V, No Switching
6.5
10
mA
VCC Supply Current
(Dynamic)
ICC(Dynamic)
Fs=400kHz, CLOAD=1.5nF
15
25
mA
VC Supply Current (Static)
IC(Static)
Enable=0V, No Switching
3.3
10
mA
VC Supply Current
(Dynamic)
IC(Dynamic)
Fs=400kHz, CLOAD=1.5nF
13
20
mA
Under Voltage Lockout
Vcc-Start-Threshold
Vcc UVLO(R)
Supply ramping up
4.0
4.25
4.5
V
Vcc-Stop-Threshold
Vcc UVLO(F)
Supply ramping down
3.8
4.0
4.2
Vcc-Hysteresis
Vcc(Hyst)
Supply ramping up and down
0.2
0.25
0.35
V
Enable-Start-Threshold
En UVLO (R)
Supply ramping up
0.6
0.65
0.7
V
Enable-Stop-Threshold
En UVLO (F)
Supply ramping down
0.56
0.6
0.66
Enable-Hysteresis
En(Hyst)
Supply ramping up and down
25
42.5
60
mV
Fb_UVLO
Fb_UVLO
Fb ramping down
0.3
0.4
0.5
V
Oscillator
Frequency
FS
360
400
440
kHz
Ramp Amplitude
Vramp
Note1
1.25
V
Min Duty Cycle
Dmin
Fb=1V, Vp=0.8V
0
%
Max Duty Cycle
Dmax
Fs=400kHz, Fb=0.6V,
Vp=0.8V
81
85
95
%
Error Amplifier
Fb Input Bias Current
IFB1
SS=3V
-0.1
-0.5
μA
Fb Input Bias current
IFB2
SS=0V
64
uA
Vp Input Bias Current
Ivp
SS=3V
-0.1
-0.5
uA
Transconductance
gm
440
1300
μmho
Input Offset Voltage
Vos
Vp=0.8V
-6
0
+6
mV
Vp Common Mode Range
Vcomn
0.6
1.5
V
Electrical Specifications
Unless otherwise specified, these specification apply over V
cc=Vc=12V, 0
oC<T
j< 125
oC
Note1: Guaranteed by Design but not tested in production.


Similar Part No. - IR3638SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3638SPBF IRF-IR3638SPBF Datasheet
301Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
More results

Similar Description - IR3638SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3638STRPBF IRF-IR3638STRPBF Datasheet
301Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
ON Semiconductor
NCP1581 ONSEMI-NCP1581 Datasheet
325Kb / 14P
   High Frequency Synchronous Step Down PWM Controller for Tracking Applications
January, 2010 ??Rev. 0
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com