Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400HA-24H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM400HA-24H
Description  Single IGBTMOD 400 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400HA-24H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM400HA-24H Datasheet HTML 1Page - Powerex Power Semiconductors CM400HA-24H Datasheet HTML 2Page - Powerex Power Semiconductors CM400HA-24H Datasheet HTML 3Page - Powerex Power Semiconductors CM400HA-24H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
189
Single IGBTMOD™
H-Series Module
400 Amperes/1200 Volts
CM400HA-24H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.21
107.0
B
3.661
±0.01
93.0
±0.25
C
2.44
62.0
D
1.89
±0.01
48.0
±0.25
E
1.42+0.04/-0.02 36.0+1.0/-0.5
F
1.14
29.0
G
1.02+0.04/-0.2 25.8+1.0/-0.5
H
0.94
24.0
Dimensions
Inches
Millimeters
J
0.79
20.0
K
0.69
17.5
L
0.63
16.0
M
0.35
9.0
N
0.28
7.0
P
0.26 Dia.
Dia. 6.5
Q
M6 Metric
M6
R
M4 Metric
M4
Description:
Powerex IGBTMOD™ Modules
are designed for use in switching
applications. Each module consists
of one IGBT Transistor in a single
configuration with a reverse-
connected super-fast recovery
free-wheel diode. All components
and interconnects are isolated
from the heat sinking baseplate,
offering simplified system assembly
and thermal management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast Recovery
(135ns) Free-Wheel Diode
□ High Frequency Operation
(20-25kHz)
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ AC Motor Control
□ Motion/Servo Control
□ UPS
□ Welding Power Supplies
□ Laser Power Supplies
Ordering Information:
Example: Select the complete part
module number you desire from
the table below -i.e. CM400HA-24H
is a 1200V (VCES), 400 Ampere
Single IGBTMOD™ Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
400
24
G
E
N
E
C
E
G
M
A
B
K
F
J
H
J
D
C
L
Q - THD
(2 TYP.)
P - DIA.
(4 TYP.)
R - THD
(2 TYP.)


Similar Part No. - CM400HA-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400HA-24H MITSUBISHI-CM400HA-24H Datasheet
43Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM400HA-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400HU-24H POWEREX-CM400HU-24H Datasheet
56Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
CM400DU-24F POWEREX-CM400DU-24F Datasheet
91Kb / 4P
   Dual IGBTMOD 400 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A_10 Datasheet
432Kb / 4P
   Single IGBTMOD A-Series Module 400 Amperes/1200 Volts
CM400HU-24F POWEREX-CM400HU-24F Datasheet
101Kb / 4P
   Trench Gate Design Single IGBTMOD??400 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A Datasheet
235Kb / 4P
   Single IGBTMOD??A-Series Module 400 Amperes/1200 Volts
CM800HA-24H POWEREX-CM800HA-24H Datasheet
3Mb / 4P
   Single IGBTMOD 800 Amperes/1200 Volts
CM300HA-24H POWEREX-CM300HA-24H Datasheet
67Kb / 4P
   Single IGBTMOD 300 Amperes/1200 Volts
CM200HA-24H POWEREX-CM200HA-24H Datasheet
67Kb / 4P
   Single IGBTMOD 200 Amperes/1200 Volts
CM600HA-24H POWEREX-CM600HA-24H Datasheet
59Kb / 4P
   Single IGBTMOD 600 Amperes/1200 Volts
CM600HU-24H POWEREX-CM600HU-24H Datasheet
57Kb / 4P
   Single IGBTMOD 600 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com