Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78808 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78808
Description  8-BITMICRO-CONTROLLER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78808 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78808 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78808 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78808 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78808 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78808 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78808 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78808 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78808 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78808 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
10
8/1/2004 (V3.1)
VI.Pin Descriptions
PIN
I/O
DESCRIPTION
POWER
VDD
AVDD
POWER
Digital power
Analog power
They connect together when package as 128 pin QFP.
GND
AVSS
POWER
Digital ground
Analog ground
They connect together when package as 128 pin QFP.
CLOCK
XIN
I
Input pin for 32.768 kHz oscillator
XOUT
O
Output pin for 32.768 kHz oscillator
PLLC
I
Phase loop lock capacitor, connect a capacitor 0.01u to 0.047u
with GND
LCD
COM0..COM15
O
Common driver pins of LCD drivers
SEG0..SEG7
SEG8...SEG47
SEG48..SEG55
SEG56..SEG63
SEG64..SEG71
SEG72..SEG79
O(COM16..COM23)
O
O (I/O : PORTB)
O (I/O : PORTC)
O (I/O : PORT8)
O (I/O : PORT9)
Segment driver pins of LCD drivers
SEG0 to SEG7 are shared with COM16 to COM23
SEG48 to SEG79 are shared with IO PORT.
VC1..VC5
I
Reference voltage input. Each one connect a capacitor (0.1u) with
GND.
FSK , TONE ,
KTONE
TIP
I
Should be connected with TIP side of twisted pair lines for FSK.
RING
I
Should be connected with RING side of twisted pair lines for
FSK.
TONE
O
Dual tone output pin
KTONE
O (PORT67)
Key tone output. Shared with PORT67.
CW
CWGS
O
Gain adjustment of single-ended input OP Amp
CWIN
I
Single-ended input OP Amp for call waiting decoder
DTMF
receiver
EST
O
Early steering output. Presents a logic high immediately when the
digital
algorithm detects a
recognizable
tone-pair (signal
condition). Any momentary loss of signal condition will cause
EST to return to a logic low. This pin shared with PORT56.
STGT
I/O
Steering input/guard time output (bi-directional). A voltage
greater than Vtst detected at ST causes the device to register the
detected tone-pair and update the output latch.
A voltage less than Vtst frees the device to accept a new tone-pair.
The GT output acts to reset the external steering time-constant; its
state is a function of EST and the voltage on ST . This pin shared
with PORT55.
OP
OP-
I (PORT55)
The negative Vin input pin of the OP. This pin shared with
PORT55.
OP+
I (PORT56)
The positive Vin input pin of the OP. This pin shared with
PORT56.
OPO
O (PORT57)
The output of OP. This pin shared with PORT57.


Similar Part No. - EM78808

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78800 EMC-EM78800 Datasheet
449Kb / 30P
   8-BIT MICRO-CONTROLLER
EM78801 EMC-EM78801 Datasheet
543Kb / 44P
   8-bit MCU
EM78801 EMC-EM78801 Datasheet
1Mb / 41P
   8-bit MCU
EM78803 EMC-EM78803 Datasheet
400Kb / 27P
   8-BIT MICRO-CONTROLLER
EM78803A EMC-EM78803A Datasheet
400Kb / 27P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78808

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P1700 SONIX-SN8P1700 Datasheet
788Kb / 145P
   8-Bit Micro-Controller
SN8P1700A SONIX-SN8P1700A Datasheet
634Kb / 112P
   8-Bit Micro-Controller
logo
ELAN Microelectronics C...
EM78805A EMC-EM78805A Datasheet
397Kb / 27P
   8-BIT MICRO-CONTROLLER
logo
List of Unclassifed Man...
MDT10P55A1P ETC1-MDT10P55A1P Datasheet
72Kb / 11P
   8-bit micro-controller
logo
Micon Design Technology...
MDT10P62 MDTIC-MDT10P62 Datasheet
101Kb / 21P
   8-bit micro-controller
MDT10P721 MDTIC-MDT10P721 Datasheet
104Kb / 21P
   8-bit micro-controller
logo
ELAN Microelectronics C...
EM78P915 EMC-EM78P915 Datasheet
1Mb / 60P
   8-BIT MICRO-CONTROLLER
logo
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43 Datasheet
351Kb / 10P
   8-bit Micro-controller
MDT10P223 MDTIC-MDT10P223 Datasheet
209Kb / 21P
   8-bit micro-controller
MDT10P57 MDTIC-MDT10P57_08 Datasheet
176Kb / 13P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com