Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP144D Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # RP144D
Description  Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RP144D Datasheet(HTML) 1 Page - Synaptics Incorporated.

  RP144D Datasheet HTML 1Page - Synaptics Incorporated. RP144D Datasheet HTML 2Page - Synaptics Incorporated. RP144D Datasheet HTML 3Page - Synaptics Incorporated. RP144D Datasheet HTML 4Page - Synaptics Incorporated. RP144D Datasheet HTML 5Page - Synaptics Incorporated. RP144D Datasheet HTML 6Page - Synaptics Incorporated. RP144D Datasheet HTML 7Page - Synaptics Incorporated. RP144D Datasheet HTML 8Page - Synaptics Incorporated. RP144D Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
'DWD 6KHHW
2UGHU 1R 0'
5HY  'HFHPEHU  
53'53'DQG53'
/RZ9ROWDJH9.IOH[™99ELV
0RGHP'DWD3XPSVIRU'HVNWRS$SSOLFDWLRQV
Introduction
The CONEXANT
™ RP56D, RP336D, and RP144D
Modem Data Pump (MDP) families support data/fax
modem, voice coding/decoding, optional full-duplex
speakerphone, and optional AudioSpan (Table 1). Low
voltage and small size support desktop applications.
Downloadable architecture allows upgrading of MDP code
from the host/DTE.
In V.90/K56flex mode (RP56), the MDP can receive data
at speeds up to 56 kbps from a digitally connected V.90-
or K56flex-compatible central site modem. These MDPs
take advantage of the PSTN which is primarily digital
except for the client modem to central office local loop and
are ideal for applications such as remote access to an
Internet service provider (ISP), on-line service, or
corporate site. The MDP can send upstream data at
speeds up to V.34 rates.
In V.34 data mode (RP56 and RC336), the MDP can
connect at the highest data rate the channel can support
from 33.6 kbps to 2400 bps with auto-fallback to V.32 bis.
In V.32 bis mode, the MDP can connect at the highest
data rate the channel can support from 14.4 kbps to 4800
bps with optional auto-fallback to lower rate modulations.
Internal HDLC support eliminates the need for an external
serial input/output (SIO) device in the DTE for products
incorporating error correction and T.30 protocols.
Voice mode includes an Adaptive Differential Pulse Code
Modulation (ADPCM) voice coder and decoder (codec).
The codec compresses and decompresses voice signals
for efficient digital storage of voice messages. The codec
operates at 28.8k, 21.6k, or 14.4k bps (4-bit, 3-bit, or 2-bit
quantization, respectively) with a 7.2 kHz or 8.0 kHz
sample rate.
A voice pass-through mode allows the host to transmit
and receive uncompressed voice samples in 16-bit linear
form at 7.2 kHz, 8.0 kHz, or 11.025 kHz sample rate, or in
8-bit A-Law/µ-Law PCM form at 8.0 kHz sample rate.
SP models support position-independent full-duplex
speakerphone (FDSP) operation using a dual internal
integrated analog circuit to interface with the telephone
line and the audio input/out (i.e., a headset, handset, or a
microphone with external speaker).
SP models also support AudioSpan (analog simultaneous
audio/voice and data) operation at a data rate of 4.8 kbps.
The MDP operates over the public switched telephone
network (PSTN) through the appropriate line termination.
Features
• Downloadable MDP code from the host/DTE
• 2-wire full-duplex
− V.90 and K56flex (RP56 models)
− V.34 (33.6 kbps) (RP56 and RP336 models)
− V.32 bis, V.32, V.22 bis, V.22, V.23, and V.21
− Bell 212 and 103
• 2-wire half-duplex
− V.34 fax, V.17, V.33, V.29, V.27 ter, and V.21 ch 2
− Bell 208
− Short train option in V.17 and V.27 ter
• Serial synchronous and asynchronous data
• Parallel synchronous and asynchronous data
• Parallel synchronous SDLC/HDLC support
• In-band secondary channel (V.34 and V.32 bis)
• Automatic mode selection (AMS)
• Automatic rate adaption (ARA)
• Digital near-end and far-end echo cancellation
• Bulk delay for satellite transmission
• ADPCM voice mode (7.2 kHz or 8.0 kHz)
• Voice pass-through mode (7.2 kHz, 8.0 kHz, or 11.025 kHz)
• Full-duplex speakerphone (SP models)
− Acoustic and line echo cancellation
− Programmable microphone AGC
− Microphone volume selection and muting
− Speaker volume control and muting; room monitor
• AudioSpan (SP models)
− ITU-T V.61 modulation (4.8 kbps data plus audio)
− Handset, headset, or half-duplex speakerphone
• TTL and CMOS compatible DTE interface
− ITU-T V.24 (EIA/TIA-232-E) (data/control)
− Microprocessor bus (data/configuration/control)
• Dynamic range: -9 dBm to -43 dBm
• Adjustable speaker output to monitor received signal
• DMA support interrupt lines
• Transmit and receive (16+128)-byte FIFO data buffers
• NRZI encoding/decoding
• 511 pattern generation/detection
• V.8 and V.8 bis signaling
• V.13 signaling
• Diagnostic capability
− V.54 inter-DCE signaling
− V.54 local analog and remote digital loopback
• +3.3V operation with +5V tolerant inputs
− +5V analog operation
• Power consumption:
− Normal Mode = 280 mW; Sleep Mode = 53 mW
• Low profile, small footprint package
− 100-pin PQFP


Similar Part No. - RP144D

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RP144LD CONEXANT-RP144LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
More results

Similar Description - RP144D

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RP56LD CONEXANT-RP56LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
   Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
logo
List of Unclassifed Man...
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Synaptics Incorporated.
RC56D-USB CONEXANT-RC56D-USB Datasheet
171Kb / 14P
   INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
RH56D-PCI CONEXANT-RH56D-PCI Datasheet
199Kb / 12P
   Host Controlled V.90/K56flex Modem device
logo
List of Unclassifed Man...
RS56L-PCI ETC2-RS56L-PCI Datasheet
161Kb / 12P
   Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com