Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400DY-50H Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM400DY-50H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400DY-50H Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM400DY-50H Datasheet HTML 1Page - Powerex Power Semiconductors CM400DY-50H Datasheet HTML 2Page - Powerex Power Semiconductors CM400DY-50H Datasheet HTML 3Page - Powerex Power Semiconductors CM400DY-50H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb. 2000
MITSUBISHI HVIGBT MODULES
CM400DY-50H
HIGH POWER SWITCHING USE
INSULATED TYPE
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
4000
3000
0
1000
2000
7
5
3
2
7102
10–1
7
23
5 7 103
23
5
5
3
2
100
5
7
5
3
2
7102
10–1
7
23
5 7 103
23
5
5
5
3
2
100
5
td(off)
VCC = 1250V, VGE =
±15V
RG = 7.5
Ω, Tj = 125°C
Inductive load
td(on)
tr
tf
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
VCC = 1250V, Tj = 125
°C
Inductive load
VGE =
±15V, RG = 7.5Ω
trr
Irr
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE
(TYPICAL)
EMITTER CURRENT IE (A)
7
5
3
2
101
7
5
3
2
102
101
103
10–2
10–3
10–2
10–1
100
7
5
3
2
10–1
7
5
3
2
100
101
7
5
3
2
23 5 7
23 5 7
23 5 7
Single Pulse
TC = 25
°C
Rth(j – c) = 0.036
°C/W
(Per 1/2 module)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT part)
TIME (s)
10–2
10–3
10–2
10–1
100
7
5
3
2
10–1
7
5
3
2
100
101
7
5
3
2
23 5 7
23 5 7
23 5 7
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi part)
20
16
12
8
4
0
VGE – GATE CHARGE
(TYPICAL)
GATE CHARGE QG (nC)
VCC = 1250V
IC = 400A
Single Pulse
TC = 25
°C
Rth(j – c) = 0.072
°C/W
(Per 1/2 module)


Similar Part No. - CM400DY-50H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400DY-50H MITSUBISHI-CM400DY-50H Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM400DY-50H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com