Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC10NEJ3347-J28 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # LMC10NEJ3347-J28
Description  10Gb/s Compact InP MZ Modulator with DWDM Laser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LMC10NEJ3347-J28 Datasheet(HTML) 3 Page - Bookham, Inc.

  LMC10NEJ3347-J28 Datasheet HTML 1Page - Bookham, Inc. LMC10NEJ3347-J28 Datasheet HTML 2Page - Bookham, Inc. LMC10NEJ3347-J28 Datasheet HTML 3Page - Bookham, Inc. LMC10NEJ3347-J28 Datasheet HTML 4Page - Bookham, Inc. LMC10NEJ3347-J28 Datasheet HTML 5Page - Bookham, Inc. LMC10NEJ3347-J28 Datasheet HTML 6Page - Bookham, Inc. LMC10NEJ3347-J28 Datasheet HTML 7Page - Bookham, Inc. LMC10NEJ3347-J28 Datasheet HTML 8Page - Bookham, Inc. LMC10NEJ3347-J28 Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
3
Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Unit
Laser Source Parameters
Laser forward current EOL
C & L-Band. Wavelength locked
360
mA
Change in laser forward current
From SOL to EOL
-35
35
mA
Laser threshold current EOL
20
85
mA
Laser forward voltage
EOL at locked wavelength
2.3
V
Laser linewidth
CW FWHM
5
20
MHz
Side mode suppression ratio (SMSR)
At locked wavelength
40
50
dB
Average relative intensity noise (RIN)
200MHz to 8GHz
-140
dB/Hz
Parameter
Conditions
Min
Typ
Max
Unit
TEC and Thermal Parameters
Thermistor resistance
For locked wavelength
[16]
4500
10100
Ohms
TEC current
EOL, T Case = 75°C
1.1
A
TEC voltage
EOL, T Case = 75°C
3
V
Module power dissipation
EOL, T Case = 75°C
1.5
4
W
Parameter
Conditions
Min
Typ
Max
Unit
Wavelength Locker Parameters
Etalon photocurrent at
EOL
0.1
2
mA
locked wavelength
Reference photocurrent at
EOL
0.1
2
mA
locked wavelength
Etalon slope at locking point
EOL
[1]
0.3
7
uA/pm
Reference slope at locked wavelength
EOL
0.1
3
uA/pm
Etalon / reference current ratio at
[11]
0.2
2
ratio
locking point
Wavelength accuracy over life
[12]
-20
20
pm
and temperature
Laser drive current tuning coefficient
[13]
3
4
7
pm/mA


Similar Part No. - LMC10NEJ3347-J28

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG3347-J28 BOOKHAM-LMC10NEG3347-J28 Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG3347-J57 BOOKHAM-LMC10NEG3347-J57 Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG3347-J59 BOOKHAM-LMC10NEG3347-J59 Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
More results

Similar Description - LMC10NEJ3347-J28

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10ZEG BOOKHAM-LMC10ZEG Datasheet
798Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
logo
Integrated Device Techn...
GX62474 IDT-GX62474 Datasheet
171Kb / 2P
   Linear MZ Modulator Driver
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com