Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC96UA74-20R Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LC96UA74-20R
Description  ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC96UA74-20R Datasheet(HTML) 1 Page - Bookham, Inc.

  LC96UA74-20R Datasheet HTML 1Page - Bookham, Inc. LC96UA74-20R Datasheet HTML 2Page - Bookham, Inc. LC96UA74-20R Datasheet HTML 3Page - Bookham, Inc. LC96UA74-20R Datasheet HTML 4Page - Bookham, Inc. LC96UA74-20R Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
PRELIMINARY
1
These lasers are designed as pump sources for erbium doped
fiber amplifier (EDFA) applications. Processes and techniques
of coupling the fiber to the laser allow high output powers that
are very stable with both time and temperature. The grating is
located in the pigtail to stabilize the wavelength.
Devices are available with kink free output powers to 750mW.
The LC96 ‘U’ series pump module utilises a double Fiber
Bragg Grating design for enhanced wavelength and power
stability performance. This product has been designed to
ensure superior wavelength locking over drive current,
temperature and optical feedback changes.
Features:
• Double Fiber Bragg Grating wavelength stabilization
• Ultra High output power, up to 750mW kink free
• Polarization maintaining fiber pigtail
• Internal thermoelectric heatpump and
monitor photodiode
• Hermetically sealed 14 pin butterfly package
• Telcordia GR-468-CORE compliant
• Field proven high reliability
• RoHS compliant
Applications:
• Low noise erbium doped fiber amplifiers (EDFAs)
• Dense wavelength division multiplexing
(DWDM) EDFAs
• CATV Applications
ULTRA High Power 980nm Pump Laser Module
- Grating Stabilized, 750mW
LC96U*


Similar Part No. - LC96UA74-20R

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC96U74-20R BOOKHAM-LC96U74-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96U76-20R BOOKHAM-LC96U76-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
More results

Similar Description - LC96UA74-20R

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
   976nm Laser Module Stabilized with Narrow-Bandwidth Grating
logo
List of Unclassifed Man...
LD098T ETC2-LD098T Datasheet
194Kb / 4P
   980nm High-Power Laser Diode
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com