Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC95A76ULR Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LC95A76ULR
Description  976nm Laser Module Stabilized with Narrow-Bandwidth Grating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC95A76ULR Datasheet(HTML) 2 Page - Bookham, Inc.

  LC95A76ULR Datasheet HTML 1Page - Bookham, Inc. LC95A76ULR Datasheet HTML 2Page - Bookham, Inc. LC95A76ULR Datasheet HTML 3Page - Bookham, Inc. LC95A76ULR Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Characteristics
Parameter
Min
Typ
Max
Unit
Threshold Current (I
th)
35
50
mA
Operating Drive Current (I
f)
700
mA
Operating Power (P
op)
250
300
mW
Forward Voltage (V
f)
1.9
2.5
V
Peak Wavelength (l
p)
975.5
976.0
976.5
nm
Spectral Width (FWHM)
35
100
pm
Temperature Dependence of Peak Wavelength
7
20
pm/K
Monitor Detector Responsivity
0.3
µA/mW
Monitor Dark Current
100
nA
Thermistor Resistance (at 25°C)
9.5
10
10.5
k
Intended Laser Submount Operating Temperature
24
25
26
ºC
Power Stability (RMS, 100-250mW, 25ºC, 20Hz-2MHz)
0.25
%
Heatpump Current (
∆T = 50°C, I
f = 700mA)
1.85
A
Heatpump Voltage (
∆T = 50°C, I
f = 700mA)
3
V
Polarization Extinction Ratio
13
17
dB
Conditions unless otherwise stated: Case temperature
-20 to +75°C
Submount temperature
25°C
Monitor diode bias
-5 V
CW operation
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Operating Temperature
-20
75
°C
Storage Temperature
-40
80
°C
Laser Forward Current
800
mA
Laser Reverse Voltage
2
V
Heatpump Current
2.5
A
Heatpump Voltage
3V
Lead Soldering Temperature (10s max)
260
°C
Fiber Bend Radius
30
mm


Similar Part No. - LC95A76ULR

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC95A74-20R BOOKHAM-LC95A74-20R Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
More results

Similar Description - LC95A76ULR

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
logo
Roithner LaserTechnik G...
RLTMFC-785D ROITHNER-RLTMFC-785D Datasheet
147Kb / 1P
   Spectrum Stabilized Diode Laser System
logo
Oscilent Corporation
813-SL140.0M-08 OSCILENT-813-SL140.0M-08_14 Datasheet
249Kb / 2P
   Low Loss Narrow Bandwidth
logo
Gennum Corporation
GS2962 GENNUM-GS2962 Datasheet
2Mb / 82P
   Integrated Narrow-Bandwidth PLL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com