Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LV1224BDB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LV1224BDB
Description  10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LV1224BDB Datasheet(HTML) 1 Page - Texas Instruments

  SN65LV1224BDB Datasheet HTML 1Page - Texas Instruments SN65LV1224BDB Datasheet HTML 2Page - Texas Instruments SN65LV1224BDB Datasheet HTML 3Page - Texas Instruments SN65LV1224BDB Datasheet HTML 4Page - Texas Instruments SN65LV1224BDB Datasheet HTML 5Page - Texas Instruments SN65LV1224BDB Datasheet HTML 6Page - Texas Instruments SN65LV1224BDB Datasheet HTML 7Page - Texas Instruments SN65LV1224BDB Datasheet HTML 8Page - Texas Instruments SN65LV1224BDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SYNC1
SYNC2
DIN0
DIN1
DIN2
DIN3
DIN4
DIN5
DIN6
DIN7
DIN8
DIN9
TCLK_R/F
TCLK
DVCC
DVCC
AVCC
AGND
PWRDN
AGND
DO+
DO
AGND
DEN
AGND
AVCC
DGND
DGND
DB Package
SN65LV1023A
Serializer
1
2
3
4
5
6
7
8
32 31 30
29 28
27 26 25
24
23
22
21
20
19
18
17
9 10 11 12 13 14 15 16
DIN1
DIN2
DIN3
DIN4
DIN5
DIN6
DIN7
DIN8
AGND
PWRDN
AGND
DO+
DO−
AGND
DEN
AGND
RHB Package
SN65LV1023A
Serializer
(Top View)
SN65LV1023A
SN65LV1224B
SLLS621C – SEPTEMBER 2004 – REVISED FEBRUARY 2006
10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Lock Indicator
100-Mbps to 660-Mbps Serial LVDS Data
No External Components Required for PLL
Payload Bandwidth at 10-MHz to 66-MHz
28-Pin SSOP and Space Saving 5
× 5 mm QFN
System Clock
Packages Available
Pin-Compatible Superset of
Industrial Temperature Qualified, TA = –40°C
DS92LV1023/DS92LV1224
to 85
°C
Chipset (Serializer/Deserializer) Power
Programmable Edge Trigger on Clock
Consumption <450 mW (Typ) at 66 MHz
Flow-Through Pinout for Easy PCB Layout
Synchronization Mode for Faster Lock
The SN65LV1023A serializer and SN65LV1224B deserializer comprise a 10-bit serdes chipset designed to
transmit and receive serial data over LVDS differential backplanes at equivalent parallel word rates from 10 MHz
to 66 MHz. Including overhead, this translates into a serial data rate between 120-Mbps and 792-Mbps payload
encoded throughput.
Upon power up, the chipset link can be initialized via a synchronization mode with internally generated SYNC
patterns or the deserializer can be allowed to synchronize to random data. By using the synchronization mode,
the deserializer establishes lock within specified, shorter time parameters.
The device can be entered into a power-down state when no data transfer is required. Alternatively, a mode is
available to place the output pins in the high-impedance state without losing PLL lock.
The SN65LV1023A and SN65LV1224B are characterized for operation over ambient air temperature of –40
°C to
85
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LV1224BDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1224B-EP TI1-SN65LV1224B-EP Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1224BMDBREP TI1-SN65LV1224BMDBREP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1224BMDBREP TI1-SN65LV1224BMDBREP Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1224BDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com