Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LV1023ADBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LV1023ADBR
Description  10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LV1023ADBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LV1023ADBR Datasheet HTML 7Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 8Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 9Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 10Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 11Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 12Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 13Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 14Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
TIMING DIAGRAMS AND TEST CIRCUITS
TCLK
ODD DIN
EVEN DIN
0
10
20
30
40
50
60
0
20
40
60
80
TCLK Frequency − MHz
SUPPLY CURRENT
vs
TCLK FREQUENCY
ICC
10 mA, 14.732 MHz
66 mA, 48.880 MHz
SN65LV1023A
SN65LV1224B
SLLS621C – SEPTEMBER 2004 – REVISED FEBRUARY 2006
Figure 2. Worst-Case Serializer ICC Test Pattern
Figure 3.
11
Submit Documentation Feedback


Similar Part No. - SN65LV1023ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023ADBR TI1-SN65LV1023ADBR Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com