Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LV1023ADBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LV1023ADBR
Description  10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LV1023ADBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LV1023ADBR Datasheet HTML 3Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 4Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 5Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 6Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 7Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 8Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 9Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 10Page - Texas Instruments SN65LV1023ADBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
V
ID
2
2.4 *
V
ID
2
SN65LV1023A
SN65LV1224B
SLLS621C – SEPTEMBER 2004 – REVISED FEBRUARY 2006
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VCC to GND
–0.3 V to 4 V
LVTTL input voltage
–0.3 V to (VCC + 0.3 V)
LVTTL output voltage
–0.3 V to (VCC + 0.3 V)
LVDS receiver input voltage
–0.3 V to 3.9 V
LVDS driver output voltage
–0.3 V to 3.9 V
LVDS output short circuit duration
10 ms
Electrostatic discharge:
HBM
up to 6 kV
MM
up to 200 V
Junction temperature
150
°C
Storage temperature
–65
°C to 150°C
Lead temperature (soldering, 4 seconds)
260
°C
DB package maximum package
TA = 25°C
1.27 W
power dissipation
RHB package maximum package TA = 25°C
2.85 W
power dissipation
DB package derating
10.3 mW/
°C above 25°C
RHB package derating
23.6 mW/
°C above 25°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC(1)
Supply voltage
3
3.3
3.6
V
Receiver input voltage range
0
2.4
V
VCM
Receiver input common mode range
V
Supply noise voltage
100
mVp-p
TA
Operating free-air temperature
–40
25
°C
(1)
By design, DVCC and AVCC are separated internally and does not matter what the difference is for |DVCC–AVCC|, as long as both are
within 3 V to 3.6 V.
7
Submit Documentation Feedback


Similar Part No. - SN65LV1023ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023ADBR TI1-SN65LV1023ADBR Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com