Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGP-28111J-00 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # IGP-28111J-00
Description  SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

IGP-28111J-00 Datasheet(HTML) 1 Page - Bookham, Inc.

  IGP-28111J-00 Datasheet HTML 1Page - Bookham, Inc. IGP-28111J-00 Datasheet HTML 2Page - Bookham, Inc. IGP-28111J-00 Datasheet HTML 3Page - Bookham, Inc. IGP-28111J-00 Datasheet HTML 4Page - Bookham, Inc. IGP-28111J-00 Datasheet HTML 5Page - Bookham, Inc. IGP-28111J-00 Datasheet HTML 6Page - Bookham, Inc. IGP-28111J-00 Datasheet HTML 7Page - Bookham, Inc. IGP-28111J-00 Datasheet HTML 8Page - Bookham, Inc. IGP-28111J-00 Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
1
The Bookham IGP-28111J optical transceiver is a high
performance, cost effective module for serial optical data
communication applications up to 4.25Gb/s. The IGP-28111J
is designed to accept DWDM SONET/SDH (with or without
FEC) and Ethernet protocol traffic for 180km links.
The
product
is
designed
for
single
mode
fibre
and
operate at ITU wavelengths across the C- and L-band.
The modules aid system hardware engineers in implementing
low-cost DWDM solutions, which are protocol transparent. The
“hot pluggable” feature built into every module reduces
manufacturing and inventory costs allowing optical port
upgrades at the customer premises. Built-in remote monitoring
via digital diagnostics allows user access to static and dynamic
data as well as module condition.
The IGP-28111J uses the established Bookham Buried
Heterostructure Directly Modulated Laser (BH DML) packaged
in a compact cooled TOSA. The transmitter has full IEC60825-
1:2001 and CDRH Class I laser safety certification.
The Bookham IGP-28111J module has been extensively tested
utilizing industry standard single mode fibres in order to
ensure compatibility with SONET-grade enterprise, access and
metro systems. Additionally, all Bookham products are UL,
CAN/CSA, FCC, IEC, and CDRH compliant.
Features:
• 180km (3600ps/nm) transmission compliant to V-16.2
• DWDM SFP MSA compatible
• +4dBm optical power output
• 100GHz channel spacing
• C- and L-Band coverage
• Up to 4.25Gb/s data rate
• High accuracy thermal wavelength management
• Extended APD-based receiver sensitivity
• Typically 880mW power consumption
• Single +3.3V power supply
• 0°C to +70°C operating case temperature range
• Hot Pluggable
• Duplex LC connector
• Enhanced digital diagnostics
• Low EMI
Compliance:
• CDRH & IEC Laser Safety
• FCC Class B EMI
• MIL-STD-883 ESD
• IEC/EN60950 Product Safety
• RoHS compliant
Applications:
• OC-48/STM-16/OTN-1
DWDM Metro/Access Networks
• Ethernet IEEE 802.3ae
• Fibre channel
• Network Edge devices, µMSPP
• Subscriber Loop label
SFP Optical Transceivers for 2.7Gb/s 180km
DWDM Applications
IGP-28111J


Similar Part No. - IGP-28111J-00

ManufacturerPart #DatasheetDescription
logo
Level One
IGP-0101 LVL1-IGP-0101 Datasheet
235Kb / 2P
   Redundant power inputs with Terminal Block
IGP-0801 LVL1-IGP-0801 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
IGP-0802 LVL1-IGP-0802 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
More results

Similar Description - IGP-28111J-00

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
List of Unclassifed Man...
PSP-1G010 ETC2-PSP-1G010 Datasheet
315Kb / 8P
   SFP Optical Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701XXZ AVAGO-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
logo
Bookham, Inc.
IGF-42311J BOOKHAM-IGF-42311J Datasheet
553Kb / 11P
   XFP Optical Transceivers for 10km 10G Serial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com