Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGP-28111J Datasheet(PDF) 2 Page - Bookham, Inc.

Part # IGP-28111J
Description  SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

IGP-28111J Datasheet(HTML) 2 Page - Bookham, Inc.

  IGP-28111J Datasheet HTML 1Page - Bookham, Inc. IGP-28111J Datasheet HTML 2Page - Bookham, Inc. IGP-28111J Datasheet HTML 3Page - Bookham, Inc. IGP-28111J Datasheet HTML 4Page - Bookham, Inc. IGP-28111J Datasheet HTML 5Page - Bookham, Inc. IGP-28111J Datasheet HTML 6Page - Bookham, Inc. IGP-28111J Datasheet HTML 7Page - Bookham, Inc. IGP-28111J Datasheet HTML 8Page - Bookham, Inc. IGP-28111J Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Data Sheet
2
Parameter
Symbol
Min
Max
Unit
Storage Temperature
T
STG
-40
85
ºC
Supply Voltage
V
CC
-0.3
4.0
V
Data AC Voltage
Tx+, Tx-
2.4
V
PP
Data DC Voltage
Tx+, Tx-
-0.5
3.47
V
Optical Input Received Power
P
IN
+5
dBm
Absolute Maximum Ratings
Parameter
Symbol
Min
Typical
Max
Unit
Case temperature
T
CASE
0
70
°C
Supply Voltage
V
CC
3.13
3.30
3.47
V
Supply Current[1]
I
CC
265
418
mA
Module Power Dissipation
P
0.88
1.45
W
In-rush Current[2]
I
IN-RUSH
100
mA
Operating Conditions
All specifications relate to End of Life (EOL) values over temperature and supply voltage, unless otherwise stated.
Notes:
[1] Supply current is shared between VCCTX and VCCRX.
[2] In-rush is defined as current level above steady state current requirements.
Transmitter Operating Specifications – Optical
Parameter
Symbol
Value
Units
Notes
Min
Typical
Max
Data Rate
BR
0.125
2.667
4.25
Gb/s
ITU-T Center Wavelength
λ
C
1530
1606
nm
Refer to Table 6 &
Table 7 for details
Center Wavelength (SOL)
λ
SOL
λ
C – 0.05
λ
C – 0.02
λ
C
nm
Where
λ
C is a defined
ITU-T wavelength
Wavelength Stability
∆λ
C
λ
C – 0.1
λ
C
λ
C +0.1
nm
Optical Transmit Power
P
O
+2
+4
dBm
Modulated at
2.488Gb/s
Optical Transmit Power
PTX_DISABLE
(disabled)
-40
dBm
Spectral Width
∆λ
20
0.1
0.3
nm
20dB down from peak
using 10pm RBW
SMSR
40
dB
Extinction Ratio
ER
8.2
dB
Filtered eye
-1200
3600
ps/nm
Modulated at 2.667Gb/s
Dispersion Tolerance
DT
-1200
1600
ps/nm
Modulated at 4.25Gb/s
-1200
10000
ps/nm
Modulated at 1.25Gb/s
Dispersion Penalty
DP
2
dB
Jitter Generation (SOL)
TJ
RMS
10
mUI
RMS
Jitter Generation (SOL)
TJ
P-P
70
mUI
Peak-to-Peak
Output Optical Eye
Compliant with Bellcore GR-253-CORE & ITU G.957 for SONET/SDH and with IEEE 802.3ae
for Ethernet and Fibre Channel


Similar Part No. - IGP-28111J

ManufacturerPart #DatasheetDescription
logo
Level One
IGP-0101 LVL1-IGP-0101 Datasheet
235Kb / 2P
   Redundant power inputs with Terminal Block
IGP-0801 LVL1-IGP-0801 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
IGP-0802 LVL1-IGP-0802 Datasheet
243Kb / 3P
   Redundant power inputs with Terminal Block
More results

Similar Description - IGP-28111J

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
List of Unclassifed Man...
PSP-1G010 ETC2-PSP-1G010 Datasheet
315Kb / 8P
   SFP Optical Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701XXZ AVAGO-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
logo
Bookham, Inc.
IGF-42311J BOOKHAM-IGF-42311J Datasheet
553Kb / 11P
   XFP Optical Transceivers for 10km 10G Serial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com