Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGF-17311J Datasheet(PDF) 10 Page - Bookham, Inc.

Part # IGF-17311J
Description  XFP Optical Transceivers for 10km 10G Datacom and Storage Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

IGF-17311J Datasheet(HTML) 10 Page - Bookham, Inc.

Back Button IGF-17311J Datasheet HTML 3Page - Bookham, Inc. IGF-17311J Datasheet HTML 4Page - Bookham, Inc. IGF-17311J Datasheet HTML 5Page - Bookham, Inc. IGF-17311J Datasheet HTML 6Page - Bookham, Inc. IGF-17311J Datasheet HTML 7Page - Bookham, Inc. IGF-17311J Datasheet HTML 8Page - Bookham, Inc. IGF-17311J Datasheet HTML 9Page - Bookham, Inc. IGF-17311J Datasheet HTML 10Page - Bookham, Inc. IGF-17311J Datasheet HTML 11Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Data Sheet
10
Regulatory compliance
Bookham IGF-17311J 1310nm XFP transceivers are designed to be Class I Laser compliant. They are certified per the following
standards:
Feature
Agency
Standard
Certificate/Comments
FDA/CDRH
CDHR 21(J) CFR 1040.10
0212646-01
IEC/EN 60950-1:2001
IEC/EN 60825-1/A2:2001
CAN/CSA-60825-1-03
U8V 06 06 54880 002
UL 60950-1:2003
Product Safety
UL/CSA
UL 94 V-0
CAN/CSA-C22.2 No.60950-1-03
MIL-STD 883 Method 3015
IEC61000-4-2
Part 15 Class B
Pass
EN55022, EN55024 Class B
73/23/EEC (Low voltage)
89/336/EEC (EMC)
Laser Safety
ESD
EMI
CE
TÜV
IEC
EU Directive
FCC/89/336/EE
[EU Directive]
Pass
U8V 06 06 54880 002
DE3-54632
Pass
Pass


Similar Part No. - IGF-17311J

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
IGF-17511J BOOKHAM-IGF-17511J Datasheet
644Kb / 11P
   XFP Optical Transceivers for 40km 10G Datacom & Storage Applications
More results

Similar Description - IGF-17311J

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
IGF-17511J BOOKHAM-IGF-17511J Datasheet
644Kb / 11P
   XFP Optical Transceivers for 40km 10G Datacom & Storage Applications
IGF-42311J BOOKHAM-IGF-42311J Datasheet
553Kb / 11P
   XFP Optical Transceivers for 10km 10G Serial Applications
IGF-32511J BOOKHAM-IGF-32511J Datasheet
854Kb / 11P
   XFP Optical Transceivers for 40km 10G Serial Applications
logo
Finisar Corporation.
FTLX1413D3BCL FINISAR-FTLX1413D3BCL Datasheet
248Kb / 11P
   10Gb/s 10km Datacom XFP Optical Transceiver
FTLX1412D3BCL FINISAR-FTLX1412D3BCL Datasheet
254Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
logo
Level One
XFP-5211 LVL1-XFP-5211 Datasheet
268Kb / 4P
   10G SMF XFP Transceiver 10km 1310nm
logo
Finisar Corporation.
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTLX1471D3BCV FINISAR-FTLX1471D3BCV Datasheet
686Kb / 14P
   RoHS-6 Compliant 1G/10G 10km Datacom SFP Transceiver
FTE8510N1LCN FINISAR-FTE8510N1LCN Datasheet
822Kb / 2P
   For Datacom Applications
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com