Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC176AP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC176AP
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC176AP Datasheet(HTML) 1 Page - Texas Instruments

  SN75LBC176AP Datasheet HTML 1Page - Texas Instruments SN75LBC176AP Datasheet HTML 2Page - Texas Instruments SN75LBC176AP Datasheet HTML 3Page - Texas Instruments SN75LBC176AP Datasheet HTML 4Page - Texas Instruments SN75LBC176AP Datasheet HTML 5Page - Texas Instruments SN75LBC176AP Datasheet HTML 6Page - Texas Instruments SN75LBC176AP Datasheet HTML 7Page - Texas Instruments SN75LBC176AP Datasheet HTML 8Page - Texas Instruments SN75LBC176AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN65LBC176A, SN75LBC176A
DIFFERENTIAL BUS TRANSCEIVERS
SLLS376C− MAY 2000 − REVISED DECEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Speed Low-Power LinBiCMOS
Circuitry Designed for Signaling RatesUp
to 30 Mbps
D Bus-Pin ESD Protection Exceeds 12 kV
HBM
D Compatible With ANSI Standard
TIA/EIA-485-A and ISO 8482:1987(E)
D Low Skew
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Very Low Disabled Supply-Current
Requirements . . . 700
µA Maximum
D Common Mode Voltage Range of −7 V
to 12 V
D Thermal-Shutdown Protection
D Driver Positive and Negative Current
Limiting
D Open-Circuit Fail-Safe Receiver Design
D Receiver Input Sensitivity... ±200 mV Max
D Receiver Input Hysteresis . . . 50 mV Typ
D Glitch-Free Power-Up and Power-Down
Protection
D Available in Q-Temp Automotive
High Reliability Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The
SN65LBC176A,
SN65LBC176AQ,
and
SN75LBC176A differential bus transceivers are
monolithic,
integrated
circuits
designed
for
bidirectional data communication on multipoint
bus-transmission lines. They are designed for
balanced transmission lines and are compatible
with ANSI standard TIA/EIA-485-A and ISO 8482.
The A version offers improved switching perfor-
mance over its predecessors without sacrificing
significantly more power.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
† Signaling rate by TIA/EIA-485-A definition restrict transition times to 30% of the bit length, and much higher signaling rates may be achieved
without this requirement as displayed in the TYPICAL CHARACTERISTICS of this device.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
SN65LBC176AQD (Marked as B176AQ)
SN65LBC176AD (Marked as BL176A)
SN65LBC176AP (Marked as 65LBC176A)
SN75LBC176AD (Marked as LB176A)
SN75LBC176AP (Marked as 75LBC176A)
(TOP VIEW)
INPUT
D
H
L
X
Open
ENABLE
DE
H
H
L
H
OUTPUTS
A
B
H
L
L
H
Z
Z
H
L
DRIVER
DIFFERENTIAL INPUTS
VA −VB
VID ≥ 0.2 V
− 0.2 V < VID < 0.2 V
VID ≤ −0.2 V
X
Open
ENABLE
RE
L
L
L
H
L
OUTPUT
R
H
?
L
Z
H
RECEIVER
H = high level,
L = low level,
? = indeterminate,
X = irrelevant,
Z = high impedance (off)
Function Tables
D
RE
R
7
6
4
1
2
B
A
Bus
3
DE
logic diagram (positive logic)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2000, Texas Instruments Incorporated
LinBiCMOS and LinASIC are trademarks of Texas Instruments.


Similar Part No. - SN75LBC176AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC176AP TI-SN75LBC176AP Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176AP TI-SN75LBC176AP Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176APE4 TI-SN75LBC176APE4 Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176APE4 TI-SN75LBC176APE4 Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75LBC176AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com