Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EML10WCA Datasheet(PDF) 4 Page - Bookham, Inc.

Part # EML10WCA
Description  10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

EML10WCA Datasheet(HTML) 4 Page - Bookham, Inc.

  EML10WCA Datasheet HTML 1Page - Bookham, Inc. EML10WCA Datasheet HTML 2Page - Bookham, Inc. EML10WCA Datasheet HTML 3Page - Bookham, Inc. EML10WCA Datasheet HTML 4Page - Bookham, Inc. EML10WCA Datasheet HTML 5Page - Bookham, Inc. EML10WCA Datasheet HTML 6Page - Bookham, Inc. EML10WCA Datasheet HTML 7Page - Bookham, Inc. EML10WCA Datasheet HTML 8Page - Bookham, Inc. EML10WCA Datasheet HTML 9Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet
4
Absolute Maximum Ratings
Optical Systems Performance
Parameter
Conditions
Min
Typ
Max
Unit
Operating temperature
-20
70
°C
Storage temperature
-40
85
°C
Lead soldering time
T=260°C
10
s
Fiber bend radius
20
mm
Axial force on fiber
5N
Laser forward current
CW @ 30C
150
mA
Laser reverse voltage
2V
Modulator forward voltage
1
V
Modulator reverse voltage
-5
1
V
Monitor diode reverse voltage
20
V
Photodiode forward current
1
mA
TEC voltage
2.5
V
TEC current
1.4
A
ESD
Note
[5]
500
V
Tcase = 25°C unless otherwise stated
The table below provides maximum and/or minimum values of critical parameters which will not permanently damage
the device, but for which the operating specification may not hold.
Note:
[5] In accordance with Telcordia TR-NWT-000870, ESD class 3, human body model.
Test conditions: 9.953Gb/s 2^23-1 PRBS NRZ data.
Test conditions: 9.953Gb/s 2^23-1 PRBS NRZ data.
Optical Eye Diagram
Dispersion Penalty Plots


Similar Part No. - EML10WCA

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML10WCA

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Bookham, Inc.
LMC10NEJ BOOKHAM-LMC10NEJ Datasheet
792Kb / 15P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10ZEG BOOKHAM-LMC10ZEG Datasheet
798Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
logo
Mitsubishi Electric Sem...
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com