Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAC120C Datasheet(PDF) 1 Page - Bookham, Inc.

Part # BAC120C
Description  120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BAC120C Datasheet(HTML) 1 Page - Bookham, Inc.

  BAC120C Datasheet HTML 1Page - Bookham, Inc. BAC120C Datasheet HTML 2Page - Bookham, Inc. BAC120C Datasheet HTML 3Page - Bookham, Inc. BAC120C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham BAC120C-9xx-01/02 50% fill factor laser diode
bar on microchannel cooler series has been designed to
provide the increased brightness and reliability required for
pumping next generation solid-state disk and fibre lasers, and
for direct applications. The proprietary E2 front mirror
passivation process, developed at our Zurich site, prevents
Catastrophic Optical Damage (COD) to the laser diode facet
even at extremely high output powers. The laser diode bars are
mounted on an expansion matched CuW submount onto a
water-cooled microchannel package providing very high
reliability in CW and pulsed (1-Hz type) applications.
Features:
• Mounted 10mm x 2.4mm laser diode bar
• Active microchannel cooler (water-cooled)
• 120W operating power
• Highly reliable single quantum well MBE structure
• Telecom grade AuSn mounting technology
• Assembly option with Cu base and cover
• Standard wavelengths at 915nm, 940nm, and 980nm
(others available on request)
• RoHS compliant
Applications:
• Solid-state disk and fiber laser pumping
• Direct applications such as material processing
• Printing
• Medical
120W 9xxnm High Power Laser Diode Bar on
Microchannel Cooler
BAC120C-9xx-01/02


Similar Part No. - BAC120C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C-1030-01 BOOKHAM-BAC110C-1030-01 Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C-1030-02 BOOKHAM-BAC110C-1030-02 Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
logo
Murata Manufacturing Co...
BAC1S05SC MURATA1-BAC1S05SC Datasheet
169Kb / 2P
   Isolated Board Mount
09/20/2022
More results

Similar Description - BAC120C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
   80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
   80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
   50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
   60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
SES8-915-01 BOOKHAM-SES8-915-01 Datasheet
645Kb / 4P
   8W/7W 9xxnm High Power Single Emitter Laser Diode on Submount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com