Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAC80C-915-02 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # BAC80C-915-02
Description  80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BAC80C-915-02 Datasheet(HTML) 1 Page - Bookham, Inc.

  BAC80C-915-02 Datasheet HTML 1Page - Bookham, Inc. BAC80C-915-02 Datasheet HTML 2Page - Bookham, Inc. BAC80C-915-02 Datasheet HTML 3Page - Bookham, Inc. BAC80C-915-02 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham BAC80C-9xx-01/02 50% fill factor laser diode
bar on microchannel cooler series has been designed to
provide the high brightness and reliability required for pumping
solid-state and fibre lasers, and for direct applications.
The proprietary E2 front mirror passivation process, developed
at our Zurich site, prevents Catastrophic Optical Damage
(COD) to the laser diode facet even at extremely high output
powers. The laser diode bars are mounted on an expansion
matched CuW submount onto a water-cooled microchannel
package providing very high reliability in CW and pulsed
(1-Hz type) applications.
Features:
• Mounted 10mm x 1.2mm laser diode bar
• Active microchannel cooler (water-cooled)
• 80W operating power
• Highly reliable single quantum well MBE structure
• Telecom grade AuSn mounting technology
• Assembly option with Cu base and cover
• Standard wavelengths at 915nm, 940nm, and 980nm
(others available on request)
• RoHS compliant
Applications:
• Solid-state and fiber laser pumping
• Direct applications such as material processing
• Printing
• Medical
80W 9xxnm High Power Laser Diode Bar on
Microchannel Cooler
BAC80C-9xx-01/02


Similar Part No. - BAC80C-915-02

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
BAC ISABELLENHUETTE-BAC Datasheet
4Mb / 3P
   PRECISION RESISTORS
BAC-M-R0001-5.0 ISABELLENHUETTE-BAC-M-R0001-5.0 Datasheet
4Mb / 3P
   PRECISION RESISTORS
logo
Bookham, Inc.
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C-1030-01 BOOKHAM-BAC110C-1030-01 Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C-1030-02 BOOKHAM-BAC110C-1030-02 Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
More results

Similar Description - BAC80C-915-02

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
   80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
   50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
   60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
SES8-915-01 BOOKHAM-SES8-915-01 Datasheet
645Kb / 4P
   8W/7W 9xxnm High Power Single Emitter Laser Diode on Submount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com