Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAC110C-1030-01 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # BAC110C-1030-01
Description  110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BAC110C-1030-01 Datasheet(HTML) 2 Page - Bookham, Inc.

  BAC110C-1030-01 Datasheet HTML 1Page - Bookham, Inc. BAC110C-1030-01 Datasheet HTML 2Page - Bookham, Inc. BAC110C-1030-01 Datasheet HTML 3Page - Bookham, Inc. BAC110C-1030-01 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Characteristics
Parameter
Symbol
Typical
Unit
CW Output Power
P
op
110
W
Central Wavelength [1]
BAC110C-1030-01/02
λ
c1030
1030 ± 10
nm
Spectral Width (FWHM)
∆λ
4
nm
Wavelength Shift with Temperature
d
λ
c/dTop
0.3
nm/°C
Beam Divergence
Parallel to Junction (90% of Power)
θ
//
7
deg
Perpendicular to Junction (FWHM)
θ⊥
27
Polarization
TE
Threshold Current
I
th
14
A
Slope Efficiency
η
D = Pop/(Iop-Ith)
0.9
W/A
Conversion Efficiency
H = P
op/(VopxIop)
58
%
Series Resistance
R
s
1.3
m
Operating Current
I
op
140
A
Operating Voltage
V
op
1.4
V
Operating Temperature
T
op
25 ± 5
°C
Watercooler Flow
Q
w
22 ± 4
l/hrs
Microchannel Cooler Differential Pressure
P
w
0.7
bar
Notes:
[1] Reduced wavelength window/extended range available on request (900-1060nm).
Bar Dimensions
Parameter
Symbol
Typical
Unit
Bar Width
b10
mm
Resonator Length
l
2.4
mm
Number of Emitters
n
48
Emitter Spacing
p
200
µm
Emitter Width
w
100
µm
Fill Factor
f
50
%


Similar Part No. - BAC110C-1030-01

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C-915-01 BOOKHAM-BAC120C-915-01 Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C-915-02 BOOKHAM-BAC120C-915-02 Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C-940-01 BOOKHAM-BAC120C-940-01 Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C-940-02 BOOKHAM-BAC120C-940-02 Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
More results

Similar Description - BAC110C-1030-01

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
   50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
   80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
   80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
BPC40C BOOKHAM-BPC40C Datasheet
233Kb / 4P
   40W 10xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
B60C-1060-01 BOOKHAM-B60C-1060-01 Datasheet
761Kb / 4P
   60W 10xxnm High Power Bare Laser Diode Bar
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com