Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYI18T1G160BF-5 Datasheet(PDF) 5 Page - Qimonda AG

Part # HYI18T1G160BF-5
Description  1-Gbit Double-Data-Rate-Two SDRAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYI18T1G160BF-5 Datasheet(HTML) 5 Page - Qimonda AG

  HYI18T1G160BF-5 Datasheet HTML 1Page - Qimonda AG HYI18T1G160BF-5 Datasheet HTML 2Page - Qimonda AG HYI18T1G160BF-5 Datasheet HTML 3Page - Qimonda AG HYI18T1G160BF-5 Datasheet HTML 4Page - Qimonda AG HYI18T1G160BF-5 Datasheet HTML 5Page - Qimonda AG HYI18T1G160BF-5 Datasheet HTML 6Page - Qimonda AG HYI18T1G160BF-5 Datasheet HTML 7Page - Qimonda AG HYI18T1G160BF-5 Datasheet HTML 8Page - Qimonda AG HYI18T1G160BF-5 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
Internet Data Sheet
Rev. 1.3, 2007-07
5
03062006-ZNH8-HURV
HY[B/I]18T1G[40/80/16]0B[C/F](L/V)
1-Gbit Double-Data-Rate-Two SDRAM
1.2
Description
The 1-Gbit DDR2 DRAM is a high-speed Double-Data-Rate-
Two CMOS Synchronous DRAM device, containing
1,073,741,824 bits and internally configured as anoctal
quadbank DRAM. The 1-Gbit device is organized as either
32 Mbit
×4 I/O ×8 banks, 16 Mbit ×8 I/O ×8 banks or 8 Mbit
×16 I/O ×8 banks chip. These devices achieve high speed
transfer rates starting at 400 Mb/sec/pin for general
applications.
The device is designed to comply with all DDR2 SDRAM key
features:
1. Posted CAS with additive latency,
2. Write latency = read latency - 1,
3. Normal and weak strength data-output driver,
4. Off-Chip Driver (OCD) impedance adjustment
5. On-Die Termination (ODT) function.
All of the control and address inputs are synchronized with a
pair of externally supplied differential clocks. Inputs are
latched at the cross point of differential clocks (CK rising and
CK falling). All I/Os are synchronized with a single ended
DQS or differential DQS-DQS pair in a source synchronous
fashion.
A 17-bit address bus for
×4 and ×8 organised components
and a 16 bit address bus for
×16 components is used to
convey row, column and bank address information in a RAS-
CAS multiplexing style.
The DDR2 device operates with a 1.8 V
± 0.1 V power
supply. An Auto-Refresh and Self-Refresh mode is provided
along with various power-saving power-down modes.
The functionality described and the timing specifications
included in this data sheet are for the DLL Enabled mode of
operation.
The DDR2 SDRAM is available in P(G)-TFBGA-68 and P(G)-
TFBGA-84 packages.
TABLE 5
Ordering Information for Lead-Free Products (RoHS Compliant)
Product Type
Org. Speed
CAS-RCD-RP Latencies1)2)3) Clock (MHz) Package
Note
Standard Temperature Range (0
°C - +70 °C)
HYB18T1G400BF-2.5F
×4
DDR2-800D 5-5-5
400
PG-TFBGA-68 4)
HYB18T1G800BF-2.5F
×8
HYB18T1G160BF-2.5F
×16
PG-TFBGA-84
HYB18T1G167BF-2.5F
×16
PG-TFBGA-92
HYB18T1G400BF-2.5
×4
DDR2-800E 6-6-6
400
PG-TFBGA-68
HYB18T1G800BF-2.5
×8
HYB18T1G160BF-2.5
×16
PG-TFBGA-84
HYB18T1G167BF-2.5
×16
PG-TFBGA-92
HYB18T1G400BF-3
×4
DDR2-667C 4-4-4
333
PG-TFBGA-68
HYB18T1G800BF-3
×8
HYB18T1G160BF-3
×16
PG-TFBGA-84
HYB18T1G167BF-3
×16
PG-TFBGA-92
HYB18T1G400BF-3S
×4
DDR2-667D 5-5-5
333
PG-TFBGA-68
HYB18T1G400BFL-3S
×4
HYB18T1G800BF-3S
×8
HYB18T1G800BFL-3S
×8
HYB18T1G160BF-3S
×16
PG-TFBGA-84
HYB18T1G160BFL-3S
×16
HYB18T1G160BFV-3S
×16
HYB18T1G167BF-3S
×16
PG-TFBGA-92


Similar Part No. - HYI18T1G160BF-5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYI18T256160BF-2.5 QIMONDA-HYI18T256160BF-2.5 Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYI18T256160BF-25F QIMONDA-HYI18T256160BF-25F Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYI18T256160BF-3 QIMONDA-HYI18T256160BF-3 Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYI18T256160BF-3.7 QIMONDA-HYI18T256160BF-3.7 Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYI18T256160BF-3S QIMONDA-HYI18T256160BF-3S Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
More results

Similar Description - HYI18T1G160BF-5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
   1-Gbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYS64T64020KM INFINEON-HYS64T64020KM Datasheet
955Kb / 31P
   Double-Data-Rate-Two SDRAM Micro-DIMM
Rev. 0.6, June 2004
logo
Qimonda AG
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com