Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAC80C Datasheet(PDF) 3 Page - Bookham, Inc.

Part # BAC80C
Description  80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BAC80C Datasheet(HTML) 3 Page - Bookham, Inc.

  BAC80C Datasheet HTML 1Page - Bookham, Inc. BAC80C Datasheet HTML 2Page - Bookham, Inc. BAC80C Datasheet HTML 3Page - Bookham, Inc. BAC80C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
3
Microchannel Cooler
Dimensions (mm)
Bottom
Ø3.2
2.17
Beam
Height
B
1.9
11.7
12.55
28.5
17.65
Coolant
Connection
Coolant
Connection
C
Side
Top
BAC80C-9xx-01
Microchannel Cooler with Base
and Cover Dimensions (mm)
Beam
Height
Coolant
Connection
Coolant
Connection
Ø4.5
Ø7
38.9
Neg –
Pos +
17.65
33.9
M3
M3
M3
BAC80C-9xx-02


Similar Part No. - BAC80C

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
BAC ISABELLENHUETTE-BAC Datasheet
4Mb / 3P
   PRECISION RESISTORS
BAC-M-R0001-5.0 ISABELLENHUETTE-BAC-M-R0001-5.0 Datasheet
4Mb / 3P
   PRECISION RESISTORS
logo
Murata Power Solutions ...
BAC05 MURATA-PS-BAC05 Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
BAC05S05DC MURATA-PS-BAC05S05DC Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
BAC05S12DC MURATA-PS-BAC05S12DC Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
More results

Similar Description - BAC80C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
   80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
   50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
   60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
SES8-915-01 BOOKHAM-SES8-915-01 Datasheet
645Kb / 4P
   8W/7W 9xxnm High Power Single Emitter Laser Diode on Submount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com