Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAC50C-806-02 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # BAC50C-806-02
Description  50W 806nm High Power Laser Diode Bar on Microchannel Cooler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

BAC50C-806-02 Datasheet(HTML) 2 Page - Bookham, Inc.

  BAC50C-806-02 Datasheet HTML 1Page - Bookham, Inc. BAC50C-806-02 Datasheet HTML 2Page - Bookham, Inc. BAC50C-806-02 Datasheet HTML 3Page - Bookham, Inc. BAC50C-806-02 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Characteristics
[1] Wavelength selectable, extended range on request (780-1060nm).
Parameter
Symbol
Typical
Unit
CW Output Power
P
op
50
W
Center Wavelength
[1]
λ
c
806 ± 3
nm
Spectral Width (FWHM)
∆λ
3nm
Wavelength shift with temperature
d
λ
c/dTop
0.26
nm/°C
Beam Divergence (1/e2)
Parallel to Junction
θ
//
10
deg
Perpendicular to Junction
θ
34
Polarization
-
TE
Threshold Current
I
th
13
A
Slope Efficiency
η
D=Pop/(Iop-Ith)
1.1
W/A
Conversion Efficiency
H=P
op/(VopxIop)45
%
Series Resistance
R
s
5m
Operating Current
I
op
60
A
Operating Voltage
V
op
2
V
Operating Temperature
T
op
25 ± 5
°C
Microcooler Flow
Q
w
22 ± 4
l/hrs
Microcooler Differential Pressure
P
w
0.7
bar
Bar Dimensions
Parameter
Symbol
Typical
Unit
Bar Width
b
10
mm
Resonator Length
l
1.2
mm
Number of Emitters
n25
-
Emitter Spacing
p
400
µm
Emitter Width
w
200
µm
Fill Factor
f
50
%


Similar Part No. - BAC50C-806-02

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
BAC ISABELLENHUETTE-BAC Datasheet
4Mb / 3P
   PRECISION RESISTORS
BAC-M-R0001-5.0 ISABELLENHUETTE-BAC-M-R0001-5.0 Datasheet
4Mb / 3P
   PRECISION RESISTORS
logo
Bookham, Inc.
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C-1030-01 BOOKHAM-BAC110C-1030-01 Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C-1030-02 BOOKHAM-BAC110C-1030-02 Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
More results

Similar Description - BAC50C-806-02

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
   80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
   80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
BPC40C-806 BOOKHAM-BPC40C-806 Datasheet
234Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
   60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com