Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM30MD3-12H Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part No. CM30MD3-12H
Description  CI Module Single Phase Converter Three Phase Inverter 30 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

CM30MD3-12H Datasheet(HTML) 3 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CM30MD3-12H
CI Module
Single Phase Converter + Three Phase Inverter
30 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
02468
10
10
0
VGE =
20V
15
12
11
8
7
Tj = 25
oC
20
30
40
50
60
10
9
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
048
12
16
20
40
10
20
30
0
60
50
VCE = 10V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
010
4
3
2
1
0
VGE = 15V
Tj = 25°C
Tj = 125°C
20
30
40
50
60
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
048
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 12A
IC = 60A
IC = 30A
0
0.8
1.6
2.4
3.2
4.0
100
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
101
102
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
100
10-1
101
10-2
VGE = 0V
f = 1MHz
101
Cies
Coes
Cres
COLLECTOR CURRENT, IC, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
103
100
102
101
102
101
td(off)
td(on)
tr
VCC = 300V
VGE = ±15V
RG = 21Ω
Tj = 125°C
tf
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
100
101
102
102
101
trr
Irr
101
100
10-1
di/dt = -60A/
µsec
Tj = 25°C
GATE CHARGE, QG, (nC)
GATE CHARGE, VGE
20
020
40
60
16
12
8
4
0
80
120
100
VCC = 300V
VCC = 200V


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn