Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM30MD3-12H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part No. CM30MD3-12H
Description  CI Module Single Phase Converter Three Phase Inverter 30 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWEREX [Powerex Power Semiconductors]
Homepage  http://www.pwrx.com
Logo 

CM30MD3-12H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CI Module
Single Phase Converter +
Three Phase Inverter
30 Amperes/600 Volts
CM30MD3-12H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.53
115.0
B
2.36
60.0
C
1.18
30.0
D
0.18
4.5
E
4.13
105.0
F
0.20
5.0
G
0.31
8.0
H
0.59
15.0
J
0.68
17.2
K
0.10
2.54
L
40
10.16
M
0.49
12.5
Dimensions
Inches
Millimeters
N
0.51
13.0
P
0.59
15.0
Q
1.14
29.0
R
2.28
58.0
S
0.16
4.0
T
0.02
0.6
U
0.22
5.5
V
0.08
2.0
W
0.02
0.6
X
0.35
9.0
Y
0.25
6.3
Z
0.47
12.0
Description:
Powerex CI Modules are
designed for use in switching
applications. Each module
consists of a single phase diode
converter section and a three
phase IGBT inverter section. All
components and interconnects are
isolated from the heat sinking
baseplate, offering simplified
system assembly and thermal
management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast
Recovery (70ns)
Free-Wheel Diodes
□ High Frequency Operation
(20-25 kHz)
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ AC Motor Control
□ Motion/Servo Control
□ General Purpose Inverters
□ Robotics
Ordering Information:
Example: Select the complete nine
digit module part number you
desire from the table below - i.e.
CM30MD3-12H is a 600V (VCES),
30 Ampere CI Power Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
30
12
P1
UV
W
G
EU
G
EV
G
EW
UV
W
GU
GV
GW
E
B
T
S
R
P
MAIN TERMINAL
CONTROL
TERMINAL
LABEL
RS
T
B
V
UW
GW
(2 PLACES)
P1
PN
G
E
GU EU
GE
EV
GV
GE
EW
GB G
GU GV
GG
E
GW E
(2 PLACES)
S
W
V
45
°
X
"T" THICK
N
F
Q
R
G
B
Z
P
M
M
P
M
M
GB NOT
CONNECTED
C
K
L
K
J
L
K
K
L
K
K
K
H
H
E
R "U"
Y
Q
N NOT CONNECTED
A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn