Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYI18T1G800BF-3.7 Datasheet(PDF) 9 Page - Qimonda AG

Part # HYI18T1G800BF-3.7
Description  1-Gbit Double-Data-Rate-Two SDRAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYI18T1G800BF-3.7 Datasheet(HTML) 9 Page - Qimonda AG

Back Button HYI18T1G800BF-3.7 Datasheet HTML 5Page - Qimonda AG HYI18T1G800BF-3.7 Datasheet HTML 6Page - Qimonda AG HYI18T1G800BF-3.7 Datasheet HTML 7Page - Qimonda AG HYI18T1G800BF-3.7 Datasheet HTML 8Page - Qimonda AG HYI18T1G800BF-3.7 Datasheet HTML 9Page - Qimonda AG HYI18T1G800BF-3.7 Datasheet HTML 10Page - Qimonda AG HYI18T1G800BF-3.7 Datasheet HTML 11Page - Qimonda AG HYI18T1G800BF-3.7 Datasheet HTML 12Page - Qimonda AG HYI18T1G800BF-3.7 Datasheet HTML 13Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Internet Data Sheet
Rev. 1.3, 2007-07
9
03062006-ZNH8-HURV
HY[B/I]18T1G[40/80/16]0B[C/F](L/V)
1-Gbit Double-Data-Rate-Two SDRAM
2
Configuration
This chapter contains the chip configuration and addressing.
2.1
Chip Configuration for PG-TFBGA-68
The chip configuration of a DDR2 SDRAM is listed by function in Table 7. The abbreviations used in the Ball# and Buffer Type
columns are explained in Table 8 and Table 9 respectively. The ball numbering for the FBGA package is depicted in figures.
TABLE 7
Chip Configuration of DDR2 SDRAM
Ball#
Name
Ball
Type
Buffer
Type
Function
Clock Signals
×4×8 Organizations
J8
CK
I
SSTL
Clock Signal CK, CK
K8
CK
I
SSTL
K2
CKE
I
SSTL
Clock Enable
Control Signals
×4×8 Organizations
K7
RAS
I
SSTL
Row Address Strobe (RAS), Column Address Strobe (CAS), Write
Enable (WE)
L7
CAS
I
SSTL
K3
WE
I
SSTL
L8
CS
I
SSTL
Chip Select
Address Signals
×4×8 Organizations
L2
BA0
I
SSTL
Bank Address Bus 1:0
L3
BA1
I
SSTL
L1
BA2
I
SSTL
Bank Address Bus 2
Note: 1 Gbit components and higher


Similar Part No. - HYI18T1G800BF-3.7

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYI18T256160BF-2.5 QIMONDA-HYI18T256160BF-2.5 Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYI18T256160BF-25F QIMONDA-HYI18T256160BF-25F Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYI18T256160BF-3 QIMONDA-HYI18T256160BF-3 Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYI18T256160BF-3.7 QIMONDA-HYI18T256160BF-3.7 Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYI18T256160BF-3S QIMONDA-HYI18T256160BF-3S Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
More results

Similar Description - HYI18T1G800BF-3.7

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
   1-Gbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
logo
Infineon Technologies A...
HYS64T64020KM INFINEON-HYS64T64020KM Datasheet
955Kb / 31P
   Double-Data-Rate-Two SDRAM Micro-DIMM
Rev. 0.6, June 2004
logo
Qimonda AG
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com