Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMDS251PAGRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMDS251PAGRG4
Description  2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS251PAGRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMDS251PAGRG4 Datasheet HTML 4Page - Texas Instruments TMDS251PAGRG4 Datasheet HTML 5Page - Texas Instruments TMDS251PAGRG4 Datasheet HTML 6Page - Texas Instruments TMDS251PAGRG4 Datasheet HTML 7Page - Texas Instruments TMDS251PAGRG4 Datasheet HTML 8Page - Texas Instruments TMDS251PAGRG4 Datasheet HTML 9Page - Texas Instruments TMDS251PAGRG4 Datasheet HTML 10Page - Texas Instruments TMDS251PAGRG4 Datasheet HTML 11Page - Texas Instruments TMDS251PAGRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TMDS251
SLLS852 – AUGUST 2007
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
NOM
MAX
UNIT
TA
Operating free-air temperature
0
70
°C
TMDS DIFFERENTIAL PINS
VIC
Input common mode voltage
VCC–0.4
VCC+0.01
V
VID
Receiver peak-to-peak differential input voltage
150
1560
mVp-p
RVSADJ
Resistor for TMDS compliant voltage swing range
3.66
4.02
4.47
k
AVCC
TMDS output termination voltage, see Figure 1
3
3.3
3.6
V
RT
Termination resistance, see Figure 1
45
50
55
Signaling rate
0
2.5
Gbps
CONTROL PINS
VIH
LVTTL High-level input voltage
2
VCC
V
VIL
LVTTL Low-level input voltage
GND
0.8
V
DDC I/O PINS
VI(DDC)
DDC Input voltage
GND
VDD
V
STATUS and SOURCE SELECTOR PINS
VIH
LVTTL High-level input voltage
2
VDD
V
VIL
LVTTL Low-level input voltage
GND
0.8
V
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIH = VCC, VIL = VCC – 0.6 V,
S1/S2 =
RT = 50 Ω, AVCC = 3.3 V
Low/Low,
176
200
Am/Bm(2:4) = 2.5 Gbps HDMI data
Low/High,
ICC
Supply current
mA
pattern
High/High
Am/Bm(1) = 250 MHz clock
S1/S2 =
8
20
High/Low
VIH = VCC, VIL = VCC – 0.6 V,
RT = 50 Ω, AVCC = 3.3 V
IDD
Power supply current, 5-V
2
5
mA
Am/Bm(2:4) = 2.5 Gbps HDMI data pattern
Am/Bm(1) = 250 MHz clock
TMDS DIFFERENTIAL PINS
VOH
Single-ended high-level output voltage
AVCC–10
AVCC+10
mV
VOL
Single-ended low-level output voltage
AVCC–600
AVCC–400
mV
Vswing
Single-ended output swing voltage
400
600
mV
See Figure 2, AVCC = 3.3 V,
VOD(O)
Overshoot of output differential voltage
15%
2
× V
swing
RT = 50 Ω
VOD(U)
Undershoot of output differential voltage
25%
2
× V
swing
Change in steady-state common-mode
ΔVOC(SS)
5
mV
output voltage between logic states
I(OS)
Short circuit output current
See Figure 3
-12
12
mA
Single-ended input voltage under high
VI(open)
II = 10 µA
VCC–10
VCC+10
mV
impedance input or open input
RINT
Input termination resistance
VIN = 2.9 V
45
50
55
CONTROL PINS
IIH
High-level digital input current(2)
VIH = 2 V or VCC
-10
10
µA
IIL
Low-level digital input current(2)
VIL = GND or 0.8 V
-10
10
µA
DDC I/O PINS
Ilkg
Input leakage current
VI = 0.1 VDD to 0.9 VDD to isolated DDC inputs
-10
10
µA
CIO
Input/output capacitance
VI(pp) = 1 V, 100 kHz
10
pF
RON
Switch resistance
IO = 3 mA, VO = 0.4 V
27
40
VPASS
Switch output voltage
VI = 5 V, IO = 100 µA
2.4
2.7
V
STATUS AND SOURCE SELECTOR PINS
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
IIH and IIL specifications are not applicable to the VSADJ pin.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMDS251


Similar Part No. - TMDS251PAGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250PAGR TI-TMDS250PAGR Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
More results

Similar Description - TMDS251PAGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS351 TI-TMDS351 Datasheet
533Kb / 25P
[Old version datasheet]   2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com