Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL760M33-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL760M33-Q1
Description  LOW-DROPOUT FIXED-VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL760M33-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TL760M33-Q1 Datasheet HTML 1Page - Texas Instruments TL760M33-Q1 Datasheet HTML 2Page - Texas Instruments TL760M33-Q1 Datasheet HTML 3Page - Texas Instruments TL760M33-Q1 Datasheet HTML 4Page - Texas Instruments TL760M33-Q1 Datasheet HTML 5Page - Texas Instruments TL760M33-Q1 Datasheet HTML 6Page - Texas Instruments TL760M33-Q1 Datasheet HTML 7Page - Texas Instruments TL760M33-Q1 Datasheet HTML 8Page - Texas Instruments TL760M33-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TL760M18Q1, TL760M25Q1, TL760M33Q1
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SGLS284F − OCTOBER 2005 − REVISED APRIL 2007
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating virtual junction temperature range (unless otherwise
noted)
Maximum input voltage, VI
45 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
package thermal data (see Note 1)
PACKAGE
BOARD
θJA
TO-263 (KTT)
High K, JESD 51-5
26.9 C/W
NOTE 1: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
recommended operating conditions
MIN
MAX
UNIT
VI§
Input voltage
3
26
V
IO
Output current
0
500
mA
TJ
Operating virtual junction temperature range
−40
125
°C
§ Minimum VI is equal to 3 V or VO(max) + 0.6 V, whichever is greater.
TL760M33 electrical characteristics at VI = 6 V, IO = 500 mA, TJ = −40°C to 1255C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS¶
TL760M33
UNIT
PARAMETER
TEST CONDITIONS¶
MIN
TYP
MAX
UNIT
Output voltage
IO = 5 mA to 500 mA,
VI = 3.8 V to 26 V
3.2
3.3
3.4
V
Current consumption,
VIN = 6 V
IO = 250 mA
8
15
mA
Current consumption,
Iq = II − IO
VIN = 6 V
IO = 500 mA
20
30
mA
Line regulation
VI = 3 V to 28 V
10
25
mV
Power-supply ripple rejection
f = 100 Hz,
Vripple = 0.5 VPP,
VI = 6 V
62
dB
Load regulation
IO = 5 mA to 500 mA
5
30
mV
Dropout voltage#
IO = 250 mA
400
mV
Dropout voltage#
IO = 500 mA
500
mV
¶ Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22-µF tantalum capacitor,
with equivalent series resistance of 1.5
Ω on the output.
# Measured when the output voltage, VO, has dropped 100 mV from the nominal value obtained when VI = 6 V


Similar Part No. - TL760M33-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
More results

Similar Description - TL760M33-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com