Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBD2835LT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBD2835LT3G
Description  Monolithic Dual Switching Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBD2835LT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBD2835LT3G Datasheet HTML 1Page - Leshan Radio Company LMBD2835LT3G Datasheet HTML 2Page - Leshan Radio Company LMBD2835LT3G Datasheet HTML 3Page - Leshan Radio Company LMBD2835LT3G Datasheet HTML 4Page - Leshan Radio Company LMBD2835LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
1/3
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
Characteristic
Symbol
M a x
Unit
Total Device Dissipation FR– 5 Board (1)
PD
225
mW
T A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θ JA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θ JA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LMBD2835LT1G = A3X;LMBD2836LT1G=A2X
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)( EACH DIODE )
Characteristic
Symbol
Min
Ma x
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage(I R = 100
µAdc) LMBD2835LT1
V (BR)
35
Vdc
LMBD2836LT1
75
Reverse Voltage Leakage Current
I R
nAdc
(V R = 30 Vdc)
LMBD2835LT1
100
(V R = 50 Vdc)
LMBD2836LT1
100
Diode Capacitance
C T
4.0
pF
(V R = 0, f = 1.0 MHz)
Forward Voltage(I F = 10 mAdc)
V F
1.0
Vdc
(I F = 50 mAdc)
1.0
(I F = 100 mAdc)
1.2
Reverse Recovery Time(I F = I R = 10 mAdc, I R(REC)= 1.0mAdc) (Figure 1)
t rr
4.0
ns
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Monolithic Dual Switching Diodes
ORDERING INFORMATION
Device
Marking
Shipping
LMBD2835LT1G
A3X
3000/Tape&Reel
LMBD2835LT3G
A3X
10000/Tape&Reel
LMBD2836LT1G
A2X
3000/Tape&Reel
LMBD2836LT3G
A2X
10000/Tape&Reel
FETURE
2
CATHODE
CATHODE
1
ANODE
3
1
3
2
SOT– 23 (TO–236AB)
LMBD2835LT1G
LMBD2836LT1G
Rating
Symbol
Value
Unit
Peak Reverse Voltage
V RM
75
Vdc
D.C Reverse Voltage
LMBD2835LT1G
V R
35
Vdc
LMBD2836LT1G
75
Peak Forward Current
I FM
450
mAdc
300
Average Rectified Current
I O
150
mAdc
100
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - LMBD2835LT3G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
LMBD2835LT3G ZOWIE-LMBD2835LT3G Datasheet
79Kb / 2P
   Monolithic Dual Switching Diode
More results

Similar Description - LMBD2835LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD2837LT1 LRC-MMBD2837LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G_09 Datasheet
127Kb / 4P
   Monolithic Dual Switching Diodes
August, 2009 ??Rev. 6
logo
Leshan Radio Company
LMBD2837LT1 LRC-LMBD2837LT1 Datasheet
114Kb / 3P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G Datasheet
132Kb / 4P
   Monolithic Dual Switching Diodes
October, 2016 ??Rev. 8
logo
Leshan Radio Company
MMBD2835LT1 LRC-MMBD2835LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1 ONSEMI-MMBD2837LT1 Datasheet
49Kb / 4P
   Monolithic Dual Switching Diodes
March, 2005 ??Rev. 5
logo
Motorola, Inc
MMBD6100LT1 MOTOROLA-MMBD6100LT1 Datasheet
78Kb / 4P
   Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2835LT1 ONSEMI-MMBD2835LT1 Datasheet
46Kb / 4P
   Monolithic Dual Switching Diodes
November, 2001 ??Rev. 3
MMBD2835LT1G ONSEMI-MMBD2835LT1G_09 Datasheet
128Kb / 4P
   Monolithic Dual Switching Diodes
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBD2837G ZOWIE-MMBD2837G Datasheet
74Kb / 2P
   Monolithic Dual Switching Diodes
logo
Leshan Radio Company
MMBD6100LT1 LRC-MMBD6100LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com