Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T256020EU-25F-B Datasheet(PDF) 44 Page - Qimonda AG

Part # HYS64T256020EU-25F-B
Description  240-Pin unbuffered DDR2 SDRAM Modules
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T256020EU-25F-B Datasheet(HTML) 44 Page - Qimonda AG

Back Button HYS64T256020EU-25F-B Datasheet HTML 40Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 41Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 42Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 43Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 44Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 45Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 46Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 47Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 48Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Internet Data Sheet
Rev. 1.0, 2006-10
44
10262006-SX8C-DEY8
HYS[64/72]T256020EU-[25F/2.5/3/3S/3.7]-B
Unbuffered DDR2 SDRAM Module
30
t
RAS.MIN [ns]
2D
2D
31
Module Density per Rank
01
01
32
t
AS.MIN and tCS.MIN [ns]
20
20
33
t
AH.MIN and tCH.MIN [ns]
27
27
34
t
DS.MIN [ns]
10
10
35
t
DH.MIN [ns]
17
17
36
t
WR.MIN [ns]
3C
3C
37
t
WTR.MIN [ns]
1E
1E
38
t
RTP.MIN [ns]
1E
1E
39
Analysis Characteristics
00
00
40
t
RC and tRFC Extension
06
06
41
t
RC.MIN [ns]
39
39
42
t
RFC.MIN [ns]
7F
7F
43
t
CK.MAX [ns]
80
80
44
t
DQSQ.MAX [ns]
18
18
45
t
QHS.MAX [ns]
22
22
46
PLL Relock Time
00
00
47
T
CASE.MAX Delta / ∆T4R4W Delta
56
56
48
Psi(T-A) DRAM
60
60
49
T
0 (DT0)
47
47
50
T
2N (DT2N, UDIMM) or ∆T2Q (DT2Q, RDIMM)
37
37
51
T
2P (DT2P)
2B
2B
52
T
3N (DT3N)
28
28
53
T
3P.fast (DT3P fast)
3E
3E
54
T
3P.slow (DT3P slow)
21
21
55
T
4R (DT4R) / ∆T4R4W Sign (DT4R4W)
42
42
56
T
5B (DT5B)
24
24
57
T
7 (DT7)
2F
2F
58
Psi(ca) PLL
00
00
59
Psi(ca) REG
00
00
60
T
PLL (DTPLL)
00
00
61
T
REG (DTREG) / Toggle Rate
00
00
62
SPD Revision
12
12
Product Type
HYS64T256020EU–3–B
HYS72T256020EU–3–B
Organization
2 GByte
2 GByte
×64
×72
2 Ranks (
×8)
2 Ranks (
×8)
Label Code
PC2–5300U–444
PC2–5300E–444
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX


Similar Part No. - HYS64T256020EU-25F-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL-2.5-C QIMONDA-HYS64T256020EDL-2.5-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL-25F-C QIMONDA-HYS64T256020EDL-25F-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL-3-C QIMONDA-HYS64T256020EDL-3-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL-3.7-C QIMONDA-HYS64T256020EDL-3.7-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T256020EU-25F-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com