Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T256020EU-25F-B Datasheet(PDF) 36 Page - Qimonda AG

Part # HYS64T256020EU-25F-B
Description  240-Pin unbuffered DDR2 SDRAM Modules
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T256020EU-25F-B Datasheet(HTML) 36 Page - Qimonda AG

Back Button HYS64T256020EU-25F-B Datasheet HTML 32Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 33Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 34Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 35Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 36Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 37Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 38Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 39Page - Qimonda AG HYS64T256020EU-25F-B Datasheet HTML 40Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
Internet Data Sheet
Rev. 1.0, 2006-10
36
10262006-SX8C-DEY8
HYS[64/72]T256020EU-[25F/2.5/3/3S/3.7]-B
Unbuffered DDR2 SDRAM Module
18
Supported CAS Latencies
70
70
19
DIMM Mechanical Characteristics
00
00
20
DIMM Type Information
02
02
21
DIMM Attributes
00
00
22
Component Attributes
07
07
23
t
CK @ CLMAX -1 (Byte 18) [ns]
25
25
24
t
AC SDRAM @ CLMAX -1 [ns]
40
40
25
t
CK @ CLMAX -2 (Byte 18) [ns]
3D
3D
26
t
AC SDRAM @ CLMAX -2 [ns]
50
50
27
t
RP.MIN [ns]
32
32
28
t
RRD.MIN [ns]
1E
1E
29
t
RCD.MIN [ns]
32
32
30
t
RAS.MIN [ns]
2D
2D
31
Module Density per Rank
01
01
32
t
AS.MIN and tCS.MIN [ns]
17
17
33
t
AH.MIN and tCH.MIN [ns]
25
25
34
t
DS.MIN [ns]
05
05
35
t
DH.MIN [ns]
12
12
36
t
WR.MIN [ns]
3C
3C
37
t
WTR.MIN [ns]
1E
1E
38
t
RTP.MIN [ns]
1E
1E
39
Analysis Characteristics
00
00
40
t
RC and tRFC Extension
36
36
41
t
RC.MIN [ns]
39
39
42
t
RFC.MIN [ns]
7F
7F
43
t
CK.MAX [ns]
80
80
44
t
DQSQ.MAX [ns]
14
14
45
t
QHS.MAX [ns]
1E
1E
46
PLL Relock Time
00
00
47
T
CASE.MAX Delta / ∆T4R4W Delta
57
57
48
Psi(T-A) DRAM
60
60
49
T
0 (DT0)
5F
5F
50
T
2N (DT2N, UDIMM) or ∆T2Q (DT2Q, RDIMM)
40
40
Product Type
HYS64T256020EU–25F–B HYS72T256020EU–25F–B
Organization
2 GByte
2 GByte
×64
×72
2 Ranks (
×8)
2 Ranks (
×8)
Label Code
PC2–6400U–555
PC2–6400E–555
JEDEC SPD Revision
Rev. 1.2
Rev. 1.2
Byte#
Description
HEX
HEX


Similar Part No. - HYS64T256020EU-25F-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL-2.5-C QIMONDA-HYS64T256020EDL-2.5-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL-25F-C QIMONDA-HYS64T256020EDL-25F-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL-3-C QIMONDA-HYS64T256020EDL-3-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL-3.7-C QIMONDA-HYS64T256020EDL-3.7-C Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T256020EU-25F-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com