Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G240DCKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G240DCKT
Description  LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G240DCKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G240DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G240DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G240DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G240DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G240DCKT Datasheet HTML 9Page - Texas Instruments SN74AUP1G240DCKT Datasheet HTML 10Page - Texas Instruments SN74AUP1G240DCKT Datasheet HTML 11Page - Texas Instruments SN74AUP1G240DCKT Datasheet HTML 12Page - Texas Instruments SN74AUP1G240DCKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
NOTES: A.C includesprobeandjigcapacitance.
L
B.Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t /t =3ns.
£
W
O
r f
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E. t
andt
arethesameast .
PLZ
PHZ
dis
F. t
andt
arethesameast .
PZL
PZH
en
G. Allparametersandwaveformsarenotapplicabletoalldevices.
5,10,15,30pF
V
/2
CC
V
CC
0.15V
V
=1.2V
0.1V
CC
±
V
=0.8V
CC
V
=1.5V
0.1V
CC
±
V
=1.8V
0.15V
CC
±
V
=2.5V
0.2V
CC
±
V
=3.3V
0.3V
CC
±
5,10,15,30pF
V
/2
CC
V
CC
0.1V
5,10,15,30pF
V
/2
CC
V
CC
0.1V
5,10,15,30pF
V
/2
CC
V
CC
0.1V
C
L
V
M
V
I
V
D
5,10,15,30pF
V
/2
CC
V
CC
0.15V
5,10,15,30pF
V
/2
CC
V
CC
0.3V
Output
Waveform1
S1at2
V
(seeNoteB)
´ CC
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
t
PZL
t
PZH
t
PLZ
t
PHZ
V
CC
0V
V
+V
OL
D
V
V
OH -
D
»0V
V
CC
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
Output
Control
V
/2
CC
V
/2
CC
V
/2
CC
V
/2
CC
t
/t
PLZ PZL
t
/t
PHZ PZH
2
V
´ CC
GND
TEST
S1
FromOutput
UnderTest
C
(seeNote A)
L
LOADCIRCUIT
S1
GND
5kW
5kW
2
V
´ CC
SN74AUP1G240
LOW-POWER SINGLE BUFFER/DRIVER
WITH 3-STATE OUTPUT
SCES627A – MARCH 2005 – REVISED AUGUST 2006
(Enable and Disable Times)
Figure 4. Load Circuit and Voltage Waveforms
9
Submit Documentation Feedback


Similar Part No. - SN74AUP1G240DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240DCKT TI-SN74AUP1G240DCKT Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240DCKT TI1-SN74AUP1G240DCKT Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240DCKT TI1-SN74AUP1G240DCKT Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
More results

Similar Description - SN74AUP1G240DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
[Old version datasheet]   Single Buffer/Driver With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com