Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72T64001HR Datasheet(PDF) 33 Page - Qimonda AG

Part # HYS72T64001HR
Description  240-Pin Registered DDR2 SDRAM Modules
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T64001HR Datasheet(HTML) 33 Page - Qimonda AG

Back Button HYS72T64001HR Datasheet HTML 29Page - Qimonda AG HYS72T64001HR Datasheet HTML 30Page - Qimonda AG HYS72T64001HR Datasheet HTML 31Page - Qimonda AG HYS72T64001HR Datasheet HTML 32Page - Qimonda AG HYS72T64001HR Datasheet HTML 33Page - Qimonda AG HYS72T64001HR Datasheet HTML 34Page - Qimonda AG HYS72T64001HR Datasheet HTML 35Page - Qimonda AG HYS72T64001HR Datasheet HTML 36Page - Qimonda AG HYS72T64001HR Datasheet HTML 37Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
Internet Data Sheet
Rev. 1.21, 2007-03
33
09152006-J5FK-C565
HYS72T[32/64]0xxHR–[2.5/3/3S/3.7/5]–A
Registered DDR2 SDRAM Modules
3.4
I
DD Specifications and Conditions
This chapter describes the
I
DD Specifications and Conditions.
TABLE 22
I
DD Measurement Conditions
Parameter
Symbol
Note1)2)
3)4)5)6)
Operating Current 0
One bank Active - Precharge;
t
CK = tCK.MIN, tRC = tRC.MIN, tRAS = tRAS.MIN, CKE is HIGH, CS is HIGH
between valid commands. Address and control inputs are SWITCHING, Databus inputs are
SWITCHING.
I
DD0
Operating Current 1
One bank Active - Read - Precharge;
I
OUT = 0 mA, BL = 4, tCK = tCK.MIN, tRC = tRC.MIN, tRAS = tRAS.MIN,
t
RCD = tRCD.MIN, AL = 0, CL = CL.MIN; CKE is HIGH, CS is HIGH between valid commands. Address and
control inputs are SWITCHING, Databus inputs are SWITCHING.
I
DD1
Precharge Standby Current
All banks idle; CS is HIGH; CKE is HIGH;
t
CK = tCK.MIN; Other control and address inputs are
SWITCHING, Data bus inputs are SWITCHING
I
DD2N
Precharge Power-Down Current
Other control and address inputs are STABLE, Data bus inputs are FLOATING.
I
DD2P
Precharge Quiet Standby Current
All banks idle; CS is HIGH; CKE is HIGH;
t
CK = tCK.MIN; Other control and address inputs are STABLE,
Data bus inputs are FLOATING.
I
DD2Q
Active Power-Down Current
All banks open;
t
CK = tCK.MIN, CKE is LOW; Other control and address inputs are STABLE, Data bus
inputs are FLOATING. MRS A12 bit is set to LOW (Fast Power-down Exit);
I
DD3P(0)
Active Power-Down Current
All banks open;
t
CK = tCK.MIN, CKE is LOW; Other control and address inputs are STABLE, Data bus
inputs are FLOATING. MRS A12 bit is set to HIGH (Slow Power-down Exit);
I
DD3P(1)
Active Standby Current
Burst Read: All banks open; Continuous burst reads; BL = 4; AL = 0, CL = CLMIN; tCK = tCK.MIN;
t
RAS = tRAS.MAX, tRP = tRP.MIN; CKE is HIGH, CS is HIGH between valid commands. Address inputs are
SWITCHING; Data Bus inputs are SWITCHING;
I
OUT = 0 mA.
I
DD3N
Operating Current
Burst Read: All banks open; Continuous burst reads; BL = 4; AL = 0, CL = CLMIN; tCK = tCK.MIN;
t
RAS = tRAS.MAX., tRP = tRP.MIN; CKE is HIGH, CS is HIGH between valid commands. Address inputs are
SWITCHING; Data Bus inputs are SWITCHING;
I
OUT = 0 mA.
I
DD4R
Operating Current
Burst Write: All banks open; Continuous burst writes; BL = 4; AL = 0, CL = CLMIN; tCK = tCK.MIN;
t
RAS = tRAS.MAX., tRP = tRP.MAX; CKE is HIGH, CS is HIGH between valid commands. Address inputs are
SWITCHING; Data Bus inputs are SWITCHING;
I
DD4W
Burst Refresh Current
t
CK = tCK.MIN., Refresh command every tRFC = tRFC.MIN interval, CKE is HIGH, CS is HIGH between valid
commands, Other control and address inputs are SWITCHING, Data bus inputs are SWITCHING.
I
DD5B
Distributed Refresh Current
t
CK = tCK.MIN, Refresh command every tRFC = tREFI interval, CKE is LOW and CS is HIGH between valid
commands, Other control and address inputs are SWITCHING, Data bus inputs are SWITCHING.
I
DD5D


Similar Part No. - HYS72T64001HR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64001GR INFINEON-HYS72T64001GR Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
HYS72T64001GR-3-A INFINEON-HYS72T64001GR-3-A Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
HYS72T64001GR-37-A INFINEON-HYS72T64001GR-37-A Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
HYS72T64001GR-5-A INFINEON-HYS72T64001GR-5-A Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
More results

Similar Description - HYS72T64001HR

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512341HHP QIMONDA-HYS72T512341HHP Datasheet
1Mb / 32P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com