Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72D64301 Datasheet(PDF) 6 Page - Qimonda AG

Part # HYS72D64301
Description  184 - Pin Registered Double-Data-Rate SDRAM Module
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72D64301 Datasheet(HTML) 6 Page - Qimonda AG

Back Button HYS72D64301 Datasheet HTML 2Page - Qimonda AG HYS72D64301 Datasheet HTML 3Page - Qimonda AG HYS72D64301 Datasheet HTML 4Page - Qimonda AG HYS72D64301 Datasheet HTML 5Page - Qimonda AG HYS72D64301 Datasheet HTML 6Page - Qimonda AG HYS72D64301 Datasheet HTML 7Page - Qimonda AG HYS72D64301 Datasheet HTML 8Page - Qimonda AG HYS72D64301 Datasheet HTML 9Page - Qimonda AG HYS72D64301 Datasheet HTML 10Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Internet Data Sheet
Rev. 1.42, 2007-01
6
03292006-7CZA-YS85
HYS72D[64/128/256]xxx[G/H]BR–[5/6/7]–B
Registered DDR SDRAM Module
2
Pin Configuration
The pin configuration of the Registered DDR SDRAM DIMM
is listed by function in Table 4 (184 pins). The abbreviations
used in columns Pin and Buffer Type are explained in Table 5
and Table 6 respectively. The pin numbering is depicted in
Figure 1.
TABLE 4
Pin Configuration of RDIMM
Pin#
Name
Pin
Type
Buffer
Type
Function
Clock Signals
137
CK0
I
SSTL
Clock Signal
138
CK0
I
SSTL
Complement Clock
21
CKE0
I
SSTL
Clock Enable Rank 0
111
CKE1
I
SSTL
Clock Enable Rank 1
Note: 2-rank module
NC
NC
SSTL
Note: 1-rank module
Control Signals
157
S0
I
SSTL
Chip Select of Rank 0
158
S1
I
SSTL
Chip Select of Rank 1
Note: 2-ranks module
NC
NC
Note: 1-rank module
154
RAS
I
SSTL
Row Address Strobe
65
CAS
I
SSTL
Column Address Strobe
63
WE
I
SSTL
Write Enable
10
RESET
ILV-
CMOS
Register Reset
Address Signals
59
BA0
I
SSTL
Bank Address Bus 1:0
52
BA1
I
SSTL
48
A0
I
SSTL
Address Bus 11:0
43
A1
I
SSTL
41
A2
I
SSTL
130
A3
I
SSTL
37
A4
I
SSTL
32
A5
I
SSTL


Similar Part No. - HYS72D64301

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72D64301HBR-5-C QIMONDA-HYS72D64301HBR-5-C Datasheet
1Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS72D64301HBR-5-C QIMONDA-HYS72D64301HBR-5-C Datasheet
2Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS72D64301HBR-6-C QIMONDA-HYS72D64301HBR-6-C Datasheet
1Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS72D64301HBR-6-C QIMONDA-HYS72D64301HBR-6-C Datasheet
2Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS72D64301HBR QIMONDA-HYS72D64301HBR_07 Datasheet
2Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
More results

Similar Description - HYS72D64301

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D128300GBR INFINEON-HYS72D128300GBR Datasheet
1Mb / 45P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 0.5, Dec. 2003
logo
Qimonda AG
HYS72D64301HBR QIMONDA-HYS72D64301HBR_07 Datasheet
2Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
HYS72D32300 QIMONDA-HYS72D32300 Datasheet
2Mb / 50P
   184-Pin Registered Double Data Rate SDRAM Module
logo
Infineon Technologies A...
HYS72D32300GBR INFINEON-HYS72D32300GBR Datasheet
1Mb / 38P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS72D64301HBR-5-C QIMONDA-HYS72D64301HBR-5-C Datasheet
1Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
logo
Infineon Technologies A...
HYS72D256520GR INFINEON-HYS72D256520GR Datasheet
638Kb / 25P
   184 Pin Registered Double Data Rate SDRAM Modules
Rev. 1.02, Dec. 2003
HYS72D32300GBR-5-B INFINEON-HYS72D32300GBR-5-B Datasheet
843Kb / 48P
   184 - Pin Registered Double Data Rate SDRAM Modules
Rev. 1.1, Apr. 2004
logo
Qimonda AG
HYS64D32301HU QIMONDA-HYS64D32301HU Datasheet
1Mb / 39P
   184-Pin Unbuffered Double Data Rate SDRAM
logo
Infineon Technologies A...
HYS64D16301GU5C INFINEON-HYS64D16301GU5C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com