Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18T512400BF Datasheet(PDF) 4 Page - Qimonda AG

Part # HYB18T512400BF
Description  240-Pin Registered DDR2 SDRAM Modules
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18T512400BF Datasheet(HTML) 4 Page - Qimonda AG

  HYB18T512400BF Datasheet HTML 1Page - Qimonda AG HYB18T512400BF Datasheet HTML 2Page - Qimonda AG HYB18T512400BF Datasheet HTML 3Page - Qimonda AG HYB18T512400BF Datasheet HTML 4Page - Qimonda AG HYB18T512400BF Datasheet HTML 5Page - Qimonda AG HYB18T512400BF Datasheet HTML 6Page - Qimonda AG HYB18T512400BF Datasheet HTML 7Page - Qimonda AG HYB18T512400BF Datasheet HTML 8Page - Qimonda AG HYB18T512400BF Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Internet Data Sheet
Rev. 1.1, 2007-03
4
03292006-EO3M-LEK7
HYS72T[64/128/256]xxxHP–[25F/2.5/3/3S/3.7]–B
240-Pin Registered DDR2 SDRAM
1.2
Description
The Qimonda HYS72T[64/128/256]xxxHP–[25F/2.5/3/3S/3.7]–B
module family are Registered DIMM (with parity) modules
with 30 mm height based on DDR2 technology.
DIMMs are available as ECC modules in 64M
× 72 (512 MB),
128M
× 72 (1 GB), 256M x72 (2GB) organization and density,
intended for mounting into 240-Pin connector sockets.
The memory array is designed with 512-Mbit Double-Data-
Rate-Two (DDR2) Synchronous DRAMs. All control and
address signals are re-driven on the DIMM using register
devices and a PLL for the clock distribution. This reduces
capacitive loading to the system bus, but adds one cycle to
the SDRAM timing. Decoupling capacitors are mounted on
the PCB board. The DIMMs feature serial presence detect
based on a serial E2PROM device using the 2-pin I2C
protocol. The first 128 bytes are programmed with
configuration data and the second 128 bytes are available to
the customer.
TABLE 2
Ordering Information for RoHS Compliant Products
Product Type1)
1) All Product Type number end with a place code, designating the silicon die revision. Example: HYS72T64000HP–3.7–B, indicating Rev.
“B” dies are used for DDR2 SDRAM components. For all Qimonda DDR2 module and component nomenclature see Chapter 6 of this data
sheet.
Compliance Code2)
Description
SDRAM
Technology
PC2–6400
HYS72T64000HP–25F–B
512 MB 1Rx8 PC2-6400P-555-12-F0
1 Rank ECC
512 Mbit (
×8)
HYS72T128000HP–25F–B
1 GB 1Rx4 PC2--6400P-555-12-H0
1 Rank ECC
512 Mbit (
×4)
HYS72T128020HP–25F–B
1 GB 2Rx8 PC2--6400P-555-12-G0
2 Ranks, ECC
512 Mbit (
×8)
HYS72T256220HP–25F–B
2 GB 2Rx4 PC2--6400P-555-12-L0
2 Ranks, ECC
512 Mbit (
×4)
PC2–6400
HYS72T64000HP–2.5–B
512 MB 1Rx8 PC2--6400P-666-12-F0
1 Rank ECC
512 Mbit (
×8)
HYS72T128000HP–2.5–B
1 GB 1Rx4 PC2--6400P-666-12-H0
1 Rank ECC
512 Mbit (
×4)
HYS72T128020HP–2.5–B
1 GB 2Rx8 PC2--6400P-666-12-G0
2 Ranks, ECC
512 Mbit (
×8)
HYS72T256220HP–2.5–B
2 GB 2Rx4 PC2--6400P-666-12-L0
2 Ranks, ECC
512 Mbit (
×4)
PC2–5300
HYS72T64000HP–3–B
512 MB 1Rx8 PC2-5300P-444-12-F0
1 Rank ECC
512 Mbit (
×8)
HYS72T128000HP–3–B
1 GB 1Rx4 PC2-5300P-444-12-H0
1 Rank ECC
512 Mbit (
×4)
HYS72T128020HP–3–B
1 GB 2Rx8 PC2-5300P-444-12-G0
2 Ranks, ECC
512 Mbit (
×8)
HYS72T256220HP–3–B
2 GB 2Rx4 PC2-5300P-444-12-J2
2 Ranks, ECC
512 Mbit (
×4)
PC2–5300
HYS72T64000HP–3S–B
512 MB 1Rx8 PC2-5300P-555-12-F0
1 Rank ECC
512 Mbit (
×8)
HYS72T128000HP–3S–B
1 GB 1Rx4 PC2-5300P-555-12-H0
1 Rank ECC
512 Mbit (
×4)
HYS72T128020HP–3S–B
1 GB 2Rx8 PC2-5300P-555-12-G0
2 Ranks, ECC
512 Mbit (
×8)
HYS72T256220HP–3S–B
2 GB 2Rx4 PC2-5300P-555-12-J2
2 Ranks, ECC
512 Mbit (
×4)
PC2–4200
HYS72T64000HP–3.7–B
512 MB 1Rx8 PC2-4200P-444-12-F0
1 Rank ECC
512 Mbit (
×8)
HYS72T128000HP–3.7–B
1 GB 1Rx4 PC2-4200P-444-12-H0
1 Rank ECC
512 Mbit (
×4)
HYS72T128020HP–3.7–B
1 GB 2Rx8 PC2-4200P-444-12-G0
2 Ranks, ECC
512 Mbit (
×8)
HYS72T256220HP–3.7–B
2 GB 2Rx4 PC2-4200P-444-12-J2
2 Ranks, ECC
512 Mbit (
×4)


Similar Part No. - HYB18T512400BF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 47P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 43P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYB18T512400BF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512341HHP QIMONDA-HYS72T512341HHP Datasheet
1Mb / 32P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T32000HR QIMONDA-HYS72T32000HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com