Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8610 Datasheet(PDF) 3 Page - RDC Semiconductor

Part # R8610
Description  32 Bit RISC Micro Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R8610 Datasheet(HTML) 3 Page - RDC Semiconductor

  R8610 Datasheet HTML 1Page - RDC Semiconductor R8610 Datasheet HTML 2Page - RDC Semiconductor R8610 Datasheet HTML 3Page - RDC Semiconductor R8610 Datasheet HTML 4Page - RDC Semiconductor R8610 Datasheet HTML 5Page - RDC Semiconductor R8610 Datasheet HTML 6Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
R8610
RDC®
RISC DSP Communication
32 Bit RISC Micro Controller
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 3 of 6
REV 1.1
Sep. 05 2007
Each GPIO pin can be individually configured to be
an input/output pin
n
Counter / Timers
8254 compatible timers
Provides three independent programmable timers /
counters
Supports a watchdog timer (WDT)
Supports a speaker output
n
Real Time Clock ( External )
Provides a direct interface to external RTC chips
n
Operating Voltage Range
Core voltage : 1 .8 V ± 5%
I / O voltage : 3.3 V ± 10%
n
Operating Temperature: 0 ~ +70°C
n
Package Type
24mm x 24mm, 216- pin LQFP
13mm x 13mm, 225 -pin LFBGA
n
RoHS Compliant


Similar Part No. - R8610

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
R860PF2 FAIRCHILD-R860PF2 Datasheet
139Kb / 6P
   8A, 600V Stealth??Diode
logo
REYCONNS CHINA LIMITED
R868 REYCONNS-R868 Datasheet
177Kb / 5P
   SAW Resonator
R868 REYCONNS-R868 Datasheet
180Kb / 5P
   SAW Resonator
R868 REYCONNS-R868 Datasheet
197Kb / 5P
   SAW Resonator
R868 REYCONNS-R868 Datasheet
188Kb / 5P
   SAW Resonator
More results

Similar Description - R8610

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
Nanjing Qinheng Microel...
CH567 WCH-CH567 Datasheet
2Mb / 88P
   32 bit RISC
CH568 WCH-CH568 Datasheet
2Mb / 93P
   32 bit RISC
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
logo
Renesas Technology Corp
SH7059 RENESAS-SH7059 Datasheet
6Mb / 1042P
   32-Bit RISC Microcomputer
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
logo
Fujitsu Component Limit...
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com