Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8820ICDBG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8820ICDBG4
Description  16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8820ICDBG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8820ICDBG4 Datasheet HTML 6Page - Texas Instruments DAC8820ICDBG4 Datasheet HTML 7Page - Texas Instruments DAC8820ICDBG4 Datasheet HTML 8Page - Texas Instruments DAC8820ICDBG4 Datasheet HTML 9Page - Texas Instruments DAC8820ICDBG4 Datasheet HTML 10Page - Texas Instruments DAC8820ICDBG4 Datasheet HTML 11Page - Texas Instruments DAC8820ICDBG4 Datasheet HTML 12Page - Texas Instruments DAC8820ICDBG4 Datasheet HTML 13Page - Texas Instruments DAC8820ICDBG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Time(0.5 s/div)
m
TriggerPulse
UnipolarMode
VoltageOutputSettling
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature (
_C)
−20
0
20
5.0V
2.7V
40
60
80
100
−40
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-10
-8
-6
-4
-2
V
(V)
REF
0
2
4
6
8
10
V
=5V
DD
V
=2.7V
DD
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-10
-8
-6
-4
-2
V
(V)
REF
0
2
4
6
8
10
V
=5V
DD
V
=2.7V
DD
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-10
-8
-6
-4
-2
V
(V)
REF
0
2
4
6
8
10
V
=5V
DD
V
=2.7V
DD
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-10
-8
-6
-4
-2
V
(V)
REF
0
2
4
6
8
10
V
=5V
DD
V
=2.7V
DD
DAC8820
SBAS358C – AUGUST 2005 – REVISED JUNE 2006
At T
A = +25°C, unless otherwise noted.
IDD vs TEMPERATURE
DAC SETTLING TIME
Figure 25.
Figure 26.
INTEGRAL NONLINEARITY vs VREF
INTEGRAL NONLINEARITY vs VREF
UNIPOLAR MODE
BIPOLAR MODE
Figure 27.
Figure 28.
DIFFERENTIAL NONLINEARITY vs VREF
DIFFERENTIAL NONLINEARITY vs VREF
UNIPOLAR MODE
BIPOLAR MODE
Figure 29.
Figure 30.
10
Submit Documentation Feedback


Similar Part No. - DAC8820ICDBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QB BURR-BROWN-DAC8822QB Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8820ICDBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com