Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM25MD-24H Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part No. CM25MD-24H
Description  CIB Module Three Phase Converter Three Phase Inverter Brake 25 Amperes/1200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM25MD-24H Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM25MD-24H Datasheet HTML 1Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 2Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 3Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 4Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 5Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CM25MD-24H
CIB Module
Three Phase Converter + Three Phase Inverter + Brake
25 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
CM25MD-24H
Units
Power Device Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Mounting Torque, M4 Mounting Screws
13
in-lb
Module Weight (Typical)
100
Grams
Isolation Voltage, AC 1 minute, 60Hz
VRMS
2500
Volts
Converter Sector
Repetitive Peak Reverse Voltage
VRRM
1600
Volts
Recommended AC Input Voltage
Ea
440
Volts
DC Output Current
IO
25
Amperes
Surge (Non-repetitive) Forward Current
IFSM
250
Amperes
I2t for Fusing
I2t
260
A2s
IGBT Inverter Sector
Collector-Emitter Voltage (G-E Short)
VCES
1200
Volts
Gate-Emitter Voltage (C-E Short)
VGES
±20
Volts
Collector Current
IC
25
Amperes
Collector Current (Pulse)*
ICM
50
Amperes
Emitter Current**
IE
25
Amperes
Emitter Current** (Pulse)*
IEM
50
Amperes
Maximum Collector Dissipation
PC
104
Watts
Brake Sector
Collector-Emitter Voltage (G-E Short)
VCES
1200
Volts
Gate-Emitter Voltage (C-E Short)
VGES
±20
Volts
Collector Current
IC
25
Amperes
Collector Current (Pulse)*
ICM
50
Amperes
Collector Dissipation
PC
104
Watts
Repetitive Peak Reverse Voltage (Clamp Diode Part)
VRRM
1200
Volts
Forward Current (Clamp Diode Part)
IFM
25
Amperes
* Pulse width and repetition rate should be such that device junction temperature does not exceed maximum rating.
** Characteristics of the anti-parallel emitter-collector free-wheel diode.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CM10MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM10MD-24H CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM15MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM15MD-24H CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM20MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 20 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM30MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 30 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM50MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 50 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM100RSD060 Intellimod™ Module Three Phase Brake IGBT Inverter Output 100 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM50RSD120 Intellimod™ Module Three Phase Brake IGBT Inverter Output 50 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM20MD3-12H CI Module Single Phase Converter Three Phase Inverter 20 Amperes/600 Volts 1  2  3  4  Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn